전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
7
6. Typical Performance Characteristics
VBUS = 5.0 V, 2.2
μH, CV = 4.3 V
Figure 2. BUCK charging efficiency vs. different battery voltage
VOUT = 5.0 V, 2.2
μH
Figure 3. BOOST efficiency vs. different battery voltage
VBUS = 5.0 V, 2.2
μH
Figure 4. BUCK charging current vs. battery voltage
VBUS = 5.0 V
Figure 5. Charging current vs. battery voltage
ITC = 10 mA
Figure 6. Charge with ITC
ICC = 650 mA
Figure 7. Charge with ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com