전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 17 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 17 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
13
Table 4. BOOST_CFG0 register
Register
Address Bit R/W/C Default
Symbol
Description
BOOST_CFG0
0x08
Bit7
R/W
0
ULV_SET[1]
00: 3.2 V
01: 3.4 V
10: 3.3 V
11: 3.5 V
Bit6
R/W
0
ULV_SET[0]
Bit5
R/W
0
BST_EN
0: Disable
1: Enable
Bit4
R/W
0
BST_OUT[4]
0 0000: 4.00 V
0 0001: 4.05 V
0 0100: 4.20 V
0 0101: 4.25 V
0 1000: 4.40 V
0 1001: 4.45 V
0 1100: 4.60 V
0 1101: 4.65 V
1 0000: 4.80 V
1 0001: 4.85 V
1 0100: 5.00 V
1 0101: 5.05 V
1 1000: 5.20 V
1 1001: NC
1 1100: NC
1 1101: NC
0 0010: 4.10 V
0 0011: 4.15 V
0 0110: 4.30 V
0 0111: 4.35 V
0 1010: 4.50 V
0 1011: 4.55 V
0 1110: 4.70 V
0 1111: 4.75 V
1 0010: 4.90 V
1 0011: 4.95 V
1 0110: 5.10 V
1 0111: 5.15 V
1 1010: NC
1 1011: NC
1 1110: NC
1 1111: VBAT
Bit3
R/W
0
BST_OUT[3]
Bit2
R/W
0
BST_OUT[2]
Bit1
R/W
0
BST_OUT[1]
Bit0
R/W
0
BST_OUT[0]
9.2.2. VOL/R output
The VOL/R pin is an output port used to charge the headset. On this port, the DIO59618A integrates the
functions of automatic load identification, automatic headphone recharge, output current limiting, and light
load detection. The two ports of VOL and VOR can be controlled independently. In the standby mode, the
automatic load recognition function is enabled. When the load is loaded, if the load current is greater than
the automatic load recognition current, the internal circuit detects the load and generates VOR_IN and
VOL_IN signals.
VOL/R output supports output current detection, which is used for output current limiting protection and light
load detection. The output current limiting value register can be configured. When the output current
exceeds the current limiting value, the DIO59618A triggers the overcurrent protection function and the IRQ
interrupt. When the charging current of the earphone is less than the IOFF (register adjustable, initial setting
3 mA, 5 mA), the DIO59618A sends an interrupt signal to notify the MCU, and the MCU decides whether to
turn off the output.
The VOL/R port supports communication function. In communication mode, the DIO59618A supports
two-way communication between COML/COMR and VOL/R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com