전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
17
9.5. IRQ interrupt prompt function
The DIO59618A supports IRQ interrupt output. When IRQ open-drain output triggers IRQ event, IRQ will be
pulled down. In this case, as long as one bit is not 0, IRQ will remain pulled down. Only when all registers
read zero will IRQ be pulled up. The MCU can read alarm status registers (e.g. 0x00 to 0x01) to detect the
anomalies.
Table 9. IRQ_0 register
Register
Address Bit R/W/C Default
Symbol
Description
IRQ_0
0x00
Bit7
RC
0
OVER_TEMP
0: Below 120°C
1: Over 120°C
Bit6
RC
0
KEY_INT
0: No KEY signal 1: There is a KEY signal
Bit5
RC
0
CHG_END
0: Higher than
ITERM
1: Less than ITERM
Bit4
RC
0
BAT_LV
0: Higher than
BAT_ULV
1: Lower than BAT_ULV
Bit3
RC
0
VBUS_IN
0: VBUS is
absent or
unnormal
1: A normal VBUS is
connected
Bit2
RC
0
VSYS_OCP
0: VSYS current
is normal
1: VSYS current is over
limit (2.0 A)
Bit1
RC
0
ICC_TIMEOUT
0: ICC time is
less than 2 h
1: ICC time is over 2 h
Bit0
RC
0
ITC_TIMEOUT
0: ITC time is
less than 2 h
1: ITC time is over 2 h
Table 10. IRQ_1 register
Register Address Bit R/W/C Default
Symbol
Description
IRQ_1
0x01
Bit7
RC
0
VOR_OCP
0: VOR current is
normal
1: VOR current is over
limit
Bit6
RC
0
VOL_OCP
0: VOL current is
normal
1: VOL current is over
limit
Bit5
RC
0
VOR_IN
0: Right earphone
is not load-in
1: Right earphone is
load-in
Bit4
RC
0
VOL_IN
0: Left earphone
is not load-in
1: Left earphone is
load-in
Bit3
RC
0
VOR_OUT
0: Right earphone
is not removed
1: Right earphone is
removed
Bit2
RC
0
VOL_OUT
0: Left earphone
is not removed
1: Left earphone is
removed
Bit1
RC
0
VOR_IOFF
0: VOR current is
normal
1: VOR current is less
than IOFF
Bit0
RC
0
VOL_IOFF
0: VOL current is
normal
1: VOL current is less
than IOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com