전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
2. Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other condition
beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Rating
Unit
VBUS
VBUS pin voltage
30
V
VOUT1,2
VOUT pin voltage
6
V
IBUS
VBUS pin current continuous
2.5
A
IOUT1,2
VOUT pin current continuous
1.5
A
ISW
SW pin current continuous
2.5
A
TJ
Junction temperature
-40 to 150
°C
TSTG
Storage temperature
-65 to 150
°C
TL
Maximum lead soldering temperature, 10 seconds
260
°C
3. Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation.
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Rating
Unit
VBUS
Supply voltage
4.5 to 5.5
V
IBUS
VBUS pin current continuous
2
A
IOUT1,2
VOUT pin current continuous
1
A
ISW
SW pin current continuous
2
A
TA
Ambient temperature
-40 to 85
°C
TJ
Junction temperature
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com