전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO59618A 데이터시트(PDF) 25 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO59618A
상세설명  30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO59618A 데이터시트(HTML) 25 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO59618A Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO59618A Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DIO59618A
Version 1.0, Oct 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
21
IRQ_0
Addr. = 0x00
Default: 0x00
Bit
R/W/C
Symbol
Default
Description
Bit7
RC
OVER_TEMP
0
0: Below 120°C
1: Over 120°C
Bit6
RC
KEY_INT
0
0: No KEY signal
1: There is a KEY signal
Bit5
RC
CHG_END
0
0: Higher than ITERM
1: Less than ITERM
Bit4
RC
BAT_LV
0
0: Higher than BAT_ULV
1: Lower than BAT_ULV
Bit3
RC
VBUS_IN
0
0: VBUS is absent or unnormal
1: A normal VBUS is connected
Bit2
RC
VSYS_OCP
0
0: VSYS current is normal
1: VSYS current is over limit (2.0 A)
Bit1
RC
ICC_TIMEOUT
0
0: ICC time is less than 2 h
1: ICC time is over 2 h
Bit0
RC
ITC_TIMEOUT
0
0: ITC time is less than 2 h
1: ITC time is over 2 h
IRQ_1
Addr. = 0x01
Default: 0x00
Bit
R/W/C
Symbol
Default
Description
Bit7
RC
VOR_OCP
0
0: VOR current is normal
1: VOR current is over limit
Bit6
RC
VOL_OCP
0
0: VOL current is normal
1: VOL current is over limit
Bit5
RC
VOR_IN
0
0: Right earphone is not load-in
1: Right earphone is load-in
Bit4
RC
VOL_IN
0
0: Left earphone is not load-in
1: Left earphone is load-in
Bit3
RC
VOR_OUT
0
0: Right earphone is not remove
1: Right earphone is removed
Bit2
RC
VOL_OUT
0
0: Left earphone is not remove
1: Left earphone is removed
Bit1
RC
VOR_IOFF
0
0: VOR current is normal
1: VOR current is less than IOFF
Bit0
RC
VOL_IOFF
0
0: VOL current is normal
1: VOL current is less than IOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com