전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 30 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 30 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 26Page - NXP Semiconductors TDA8844 Datasheet HTML 27Page - NXP Semiconductors TDA8844 Datasheet HTML 28Page - NXP Semiconductors TDA8844 Datasheet HTML 29Page - NXP Semiconductors TDA8844 Datasheet HTML 30Page - NXP Semiconductors TDA8844 Datasheet HTML 31Page - NXP Semiconductors TDA8844 Datasheet HTML 32Page - NXP Semiconductors TDA8844 Datasheet HTML 33Page - NXP Semiconductors TDA8844 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
December 16, 1997
30
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
Tuner take-over adjustment (via I2C-bus)
M.5.1
minimum starting level for tuner
take-over (RMS value)
−
0.2
0.8
mV
M.5.2
maximum starting level for tuner
take-over (RMS value)
40
60
−
mV
Tuner control output (pin 54)
M.6.1
maximum tuner AGC output
voltage
maximum tuner gain; note 2
−−
9V
M.6.2
output saturation voltage
minimum tuner gain;
IO =2mA
−−
300
mV
M.6.3
maximum tuner AGC output
swing
5
−−
mA
M.6.4
leakage current RF AGC
−−
1
µA
M.6.5
input signal variation for
complete tuner control
0.5
2
4
dB
AFC OUTPUT (VIA I2C-BUS); NOTE 14
M.7.1
AFC resolution
−
2
−
bits
M.7.2
window sensitivity
−
125
−
kHz
M.7.3
window sensitivity in large
window mode
−
275
−
kHz
VIDEO IDENTIFICATION OUTPUT (VIA I2C-BUS)
M.8.1
delay time of identification after
the AGC has stabilized on a
new transmitter
−−
10
ms
Sound circuit
DEMODULATOR INPUT;(PIN 1)
G.1.1
input limiting for PLL catching
range (RMS value)
−
12mV
G.1.2
catching range PLL
note 15
4.2
−
6.8
MHz
G.1.3
input resistance
note 2
−
8.5
−
k
Ω
G.1.4
input capacitance
note 2
−−
5pF
G.1.5
AM rejection
VI = 50 mV RMS; note 16
60
66
−
dB
DE-EMPHASIS (PIN 55)
G.2.1
output signal amplitude (RMS
value)
note 15
−
500
−
mV
G.2.2
output resistance
−
15
−
k
Ω
G.2.3
DC output voltage
−
3
−
V
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com