전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 52 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 52 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 48Page - NXP Semiconductors TDA8844 Datasheet HTML 49Page - NXP Semiconductors TDA8844 Datasheet HTML 50Page - NXP Semiconductors TDA8844 Datasheet HTML 51Page - NXP Semiconductors TDA8844 Datasheet HTML 52Page - NXP Semiconductors TDA8844 Datasheet HTML 53Page - NXP Semiconductors TDA8844 Datasheet HTML 54Page - NXP Semiconductors TDA8844 Datasheet HTML 55Page - NXP Semiconductors TDA8844 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
December 16, 1997
52
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
MBC213
SC CC
PC
30 dB
13.2 dB
3.2 dB
SC CC
PC
30 dB
13.2 dB
10 dB
BLUE
YELLOW
Fig.16 Test set-up intermodulation.
Input signal conditions: SC = sound carrier; CC = colour carrier; PC = picture carrier.
All amplitudes with respect to top sync level.
Value at 0.92 or 1.1 MHz
20 log
V
O a t 3.58 or 4.4 MHz
V
O a t 0.92 or 1.1 MHz
------------------------------------------------------------
3.6 dB
+
=
Value at 2.66 or 3.3 MHz
20 log
V
O a t 3.58 or 4.4 MHz
V
O a t 2.66 or 3.3 MHz
------------------------------------------------------------
=
MBC210
ATTENUATOR
SPECTRUM
ANALYZER
TEST
CIRCUIT
CC
PC
SC
Σ
gain setting
adjusted for blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com