전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 64 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 64 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 60Page - NXP Semiconductors TDA8844 Datasheet HTML 61Page - NXP Semiconductors TDA8844 Datasheet HTML 62Page - NXP Semiconductors TDA8844 Datasheet HTML 63Page - NXP Semiconductors TDA8844 Datasheet HTML 64Page - NXP Semiconductors TDA8844 Datasheet HTML 65Page - NXP Semiconductors TDA8844 Datasheet HTML 66Page - NXP Semiconductors TDA8844 Datasheet HTML 67Page - NXP Semiconductors TDA8844 Datasheet HTML 68Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
December 16, 1997
64
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
PACKAGE OUTLINES
Fig.33 Plastic shrink dual in-line package; 56 leads (600 mil) SDIP56; SOT400AA1.
UNIT
b1
cE
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
DIMENSIONS (mm are the original dimensions)
SOT400-1
95-12-06
b
max.
w
M E
e 1
1.3
0.8
0.53
0.40
0.32
0.23
52.4
51.6
14.0
13.6
3.2
2.8
0.18
1.778
15.24
15.80
15.24
17.15
15.90
2.3
5.08
0.51
4.0
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A 2
Z
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
D
(1)
Z
56
1
29
28
b
E
pin 1 index
A
max.
12
A
min.
A
max.
SDIP56: plastic shrink dual in-line package; 56 leads (600 mil)
SOT400-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com