전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 41 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 41 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 37Page - NXP Semiconductors TDA8844 Datasheet HTML 38Page - NXP Semiconductors TDA8844 Datasheet HTML 39Page - NXP Semiconductors TDA8844 Datasheet HTML 40Page - NXP Semiconductors TDA8844 Datasheet HTML 41Page - NXP Semiconductors TDA8844 Datasheet HTML 42Page - NXP Semiconductors TDA8844 Datasheet HTML 43Page - NXP Semiconductors TDA8844 Datasheet HTML 44Page - NXP Semiconductors TDA8844 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
December 16, 1997
41
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
Control part
SATURATION CONTROL; NOTE 25
C.1.1
saturation control range
63 steps; see Fig.11
52
−−
dB
CONTRAST CONTROL; NOTE 25
C.2.1
contrast control range
63 steps
−
18
−
dB
C.2.2
tracking between the three
channels over a control range of
10 dB
see Fig.12
−−
0.5
dB
BRIGHTNESS CONTROL
C.3.1
brightness control range
63 steps; see Fig.13
−±0.7
−
V
RGB AMPLIFIERS (PINS 19, 20 AND 21)
C.4.1
output signal amplitude
(peak-to-peak value)
at nominal luminance input
signal, nominal contrast and
white-point adjustment;
tbf
2.0
tbf
V
C.4.2
maximum signal amplitude
(black-to-white)
note 47
−
tbf
−
V
C.4.3
input signal amplitude (Y-input,
pin 27) at which the soft clipping
is activated
note 47
−
tbf
−
V
C.4.4
output signal amplitude for the
‘red’ channel (peak-to-peak
value)
at nominal settings for
contrast and saturation
control and no luminance
signal to the input (R
−Y, PAL)
tbf
2.1
tbf
V
C.4.5
nominal black level voltage
−
2.4
−
V
C.4.6
black level voltage
when black level stabilisation
is switched-off (via AKB bit)
−
2.5
−
V
C.4.61
black level voltage control range VSD bit active; note 48
1.8
2.5
3.2
V
C.4.7
width of video blanking with HBL
bit active
note 49
14.4
14.7
15.0
µs
C.4.8
control range of the
black-current stabilisation
−±1
−
V
C.4.9
blanking level
difference with black level,
note 47
−
-0.5
−
V
C.4.10
level during leakage
measurement
−
-0.1
−
V
C.4.11
level during “low” measuring
pulse
−
0.25
−
V
C.4.12
level during “high” measuring
pulse
−
0.38
−
V
C.4.13
adjustment range of the ratio
between the amplitudes of the
RGB drive voltage and the
measuring pulses
note 47
−±3
−
dB
C.4.14
variation of black level with
temperature
note 5
−
1.0
−
mV/K
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com