전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 38 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 38 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 34Page - NXP Semiconductors TDA8844 Datasheet HTML 35Page - NXP Semiconductors TDA8844 Datasheet HTML 36Page - NXP Semiconductors TDA8844 Datasheet HTML 37Page - NXP Semiconductors TDA8844 Datasheet HTML 38Page - NXP Semiconductors TDA8844 Datasheet HTML 39Page - NXP Semiconductors TDA8844 Datasheet HTML 40Page - NXP Semiconductors TDA8844 Datasheet HTML 41Page - NXP Semiconductors TDA8844 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
December 16, 1997
38
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
Colour demodulation part
CHROMINANCE AMPLIFIER
D.1.1
ACC control range
note 40
26
−−
dB
D.1.2
change in amplitude of the
output signals over the ACC
range
−−
2dB
D.1.3
threshold colour killer ON
−30
−−
dB
D.1.4
hysteresis colour killer OFF
strong signal conditions;
S/N
≥ 40 dB; note 5
−
+3
−
dB
D.1.5
noisy input signals; note 5
−
+1
−
dB
ACL CIRCUIT; NOTE 41
D.2.1
chrominance burst ratio at
which the ACL starts to operate
−
3.0
−
REFERENCE PART
Phase-locked loop; note 42
D.3.1
catching range
±360
±600
−
Hz
D.3.2
phase shift for a
±400 Hz
deviation of the oscillator
frequency
note 5
−−
2
deg
Oscillator
D.4.1
temperature coefficient of the
oscillator frequency
note 5
−−
1
Hz/K
D.4.2
oscillator frequency deviation
with respect to the supply
note 5; VP =8V ±10%
−−
25
Hz
D.4.3
minimum negative resistance
−−
1.0
k
Ω
D.4.4
maximum load capacitance
−−
15
pF
HUE CONTROL
D.5.1
hue control range
63 steps; see Fig.10
±35
±40
−
deg
D.5.2
hue variation for
±10% VP
note 5
−
0
−
deg
D.5.3
hue variation with temperature
Tamb = 0 to 70 °C; note 5
−
0
−
deg
DEMODULATORS (PINS 29 AND 30)
General
D.6.1
(R
−Y) output signal amplitude
(peak-to-peak value)
note 43
−
1.05
−
V
D.6.2
(B
−Y) output signal amplitude
(peak-to-peak value)
note 43
−
1.33
−
V
D.6.3
spread of signal amplitude ratio
between standards
note 5
−1.5
−
+1.5
dB
D.6.4
output impedance (R
−Y)/(B−Y)
output
note 5
−
500
−Ω
D.6.5
bandwidth of demodulators
−3 dB; note 44
−
650
−
kHz
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com