전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 22 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 22 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 18Page - NXP Semiconductors TDA8844 Datasheet HTML 19Page - NXP Semiconductors TDA8844 Datasheet HTML 20Page - NXP Semiconductors TDA8844 Datasheet HTML 21Page - NXP Semiconductors TDA8844 Datasheet HTML 22Page - NXP Semiconductors TDA8844 Datasheet HTML 23Page - NXP Semiconductors TDA8844 Datasheet HTML 24Page - NXP Semiconductors TDA8844 Datasheet HTML 25Page - NXP Semiconductors TDA8844 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
December 16, 1997
22
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
Table 35 AFC window
Table 36 IF sensitivity
Table 37 Modulation standard
Table 38 Video mute
Table 39 Sound mute
Table 40 Fixed audio volume
Table 41 PLL demodulator frequency adjust
AFW
AFC WINDOW
0
normal
1
enlarged
IFS
IF SENSITIVITY
0
normal
1
reduced
MOD
MODULATION
0
negative
1
positive
VSW
STATE
0
normal operation
1
IF-video signal switched off
SM
STATE
0
normal operation
1
sound mute active
FAV
MODE
0
normal volume control
1
audio output level fixed
IFA
IFB
IFC
IF FREQUENCY
0
0
0
58.75 MHz
0
0
1
45.75 MHz
0
1
0
38.90 MHz
0
1
1
38.00 MHz
1
0
0
33.40 MHz
1
1
0
33.90 MHz
Table 42 Switch-off in vertical overscan
Table 43 Vertical scan disable
Table 44 Chroma bandpass centre frequency
Table 45 Blue stretch
Table 46 Black stretch
Table 47 2nd CVBS output (TDA 885X)
Table 48 Blue back when no video signal is identified
Table 49 Helper output blanking (PALPLUS)
OSO
MODE
0
Switch-off undefined
1
Switch-off in vertical overscan
VSD
MODE
0
Vertical scan active
1
Vertical scan disabled
CB
CENTRE FREQUENCY
0FSC
1
1.1 x FSC
BLS
BLUE STRETCH MODE
0off
1on
BKS
BLACK STRETCH MODE
0off
1on
CS1
CS0
CVBS-2 OUTPUT
0
0
internal CVBS
0
1
external CVBS
1
0
Y/C (Y + C)
1
1
CVBS-3
BB
BLUE BACK
0off
1on
HOB
OUTPUT BLANKING
0
not active
1
active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com