전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 32 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 32 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 28Page - NXP Semiconductors TDA8844 Datasheet HTML 29Page - NXP Semiconductors TDA8844 Datasheet HTML 30Page - NXP Semiconductors TDA8844 Datasheet HTML 31Page - NXP Semiconductors TDA8844 Datasheet HTML 32Page - NXP Semiconductors TDA8844 Datasheet HTML 33Page - NXP Semiconductors TDA8844 Datasheet HTML 34Page - NXP Semiconductors TDA8844 Datasheet HTML 35Page - NXP Semiconductors TDA8844 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
December 16, 1997
32
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
CVBS, Y/C, RGB, CD AND LUMINANCE OUT- AND INPUTS
CVBS-Y/C SWITCH, PINS 10, 11, 13, 17 AND 38 (20, 21, 24, 26, 29 AND 54 FOR TDA 885X)
S.1.1
CVBS or Y input voltage
(peak-to-peak value)
note 22
−
1.0
1.4
V
S.1.2
CVBS or Y input current
−
4
−µA
S.1.3
suppression of non-selected
CVBS input signal
notes 5 and 23
50
−−
dB
S.1.4
chrominance input voltage
(burst amplitude)
note 2 and 24
−
0.3
1.0
V
S.1.5
chrominance input impedance
−
50
−
k
Ω
S.1.6
output signal amplitude
(CVBS1) (peak-to-peak value)
−
2.0
−
V
S.1.7
black level of CVBS1
−
2.1
−
V
S.1.8
output signal amplitude
(CVBS2) (peak-to-peak value)
−
1.0
−
V
S.1.9
black level of CVBS2
−
3.3
−
V
S.1.10
output impedance
−−
250
Ω
RGB INPUTS, PINS 23 TO 25 (35 TO 37 AND 41 TO 43 FOR TDA 885X)
S.2.1
input signal amplitude for an
output signal of 2 V
(black-to-white) (peak-to-peak
value)
note 25
−
0.7
0.8
V
S.2.2
input signal amplitude before
clipping occurs (peak-to-peak
value)
note 5
1.0
−−
V
S.2.3
difference between black level
of internal and external signals
at the outputs
−−
20
mV
S.2.4
input currents
no clamping; note 2
−
0.1
1
µA
S.2.5
delay difference for the three
channels
note 5
−
020
ns
FAST BLANKING, PIN 26 (38 AND 44 FOR TDA 885X)
S.3.1
input voltage
no data insertion
−−
0.4
V
S.3.2
data insertion
0.9
0.6
−
V
S.3.3
maximum input pulse
insertion
−−
3.0
V
S.3.4
delay time from RGB in to
RGB out
data insertion; note 5
−−
60
ns
S.3.5
delay difference between
insertion to RGB out and
RGB in to RGB out
data insertion; note 5
−−
20
ns
S.3.6
input current
−−
0.2
mA
S.3.7
suppression of internal RGB
signals
notes 5 and 23; insertion;
fi = 0 to 5 MHz
−
55
−
dB
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com