전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 4Page - NXP Semiconductors TDA8844 Datasheet HTML 5Page - NXP Semiconductors TDA8844 Datasheet HTML 6Page - NXP Semiconductors TDA8844 Datasheet HTML 7Page - NXP Semiconductors TDA8844 Datasheet HTML 8Page - NXP Semiconductors TDA8844 Datasheet HTML 9Page - NXP Semiconductors TDA8844 Datasheet HTML 10Page - NXP Semiconductors TDA8844 Datasheet HTML 11Page - NXP Semiconductors TDA8844 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
December 16, 1997
8
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
PINNING
SYMBOL
PIN
DESCRIPTION
SDIP56
QFP64
SNDIF
1
10
Sound IF input
AUDIOEXT
2
11
External audio input
NC
3
13
not connected
NC
4
14
not connected
PLLLF
5
15
IF-PLL loop filter
IFVO
6
16
IF video output
SCL
7
17
serial clock input
SDA
8
18
serial data input/output
DECBG
9
19
bandgap decoupling
CHROMA
10
20
chrominance input (S-VHS)
CVBS/Y
11
21
external CVBS/Y input
VP1
12
22
main supply voltage 1 (+8 V)
CVBSINT
13
24
internal CVBS input
GND1
14
25
ground 1
AUDIOOUT
15
27
audio output
SECPLL
16
28
SECAM PLL decoupling
CVBSEXT
17
29
external CVBS input
BLKIN
18
30
black-current input
BO
19
31
blue output
GO
20
32
green output
RO
21
33
red output
BCLIN
22
34
beam current limiter input/V-guard input
RI
23
35
red input for insertion
GI
24
36
green input for insertion
BI
25
37
blue input for insertion
RGBIN
26
38
RGB insertion input
LUMIN
27
39
luminance input
LUMOUT
28
40
luminance output
BYO
29
45
(B
−Y) signal output
RYO
30
46
(R
−Y) signal output
BYI
31
47
(B
−Y) signal input
RYI
32
48
(R
−Y) signal input
REFO
33
49
subcarrier reference output
XTAL1
34
50
3.58 MHz crystal connection
XTAL2
35
51
4.43/3.58 MHz crystal connection
DET
36
52
loop filter phase detector
VP2
37
53
2nd supply voltage 1(+8 V)
CVBS1O
38
54
CVBS-1 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com