전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 54 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 54 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 50Page - NXP Semiconductors TDA8844 Datasheet HTML 51Page - NXP Semiconductors TDA8844 Datasheet HTML 52Page - NXP Semiconductors TDA8844 Datasheet HTML 53Page - NXP Semiconductors TDA8844 Datasheet HTML 54Page - NXP Semiconductors TDA8844 Datasheet HTML 55Page - NXP Semiconductors TDA8844 Datasheet HTML 56Page - NXP Semiconductors TDA8844 Datasheet HTML 57Page - NXP Semiconductors TDA8844 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
December 16, 1997
54
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
CHARACTERISTIC POINTS AVL
A
B
C
D
UNIT
Deemphasis voltage
150
300
500
1500
mVRMS
FM swing
15
30
50
150
kHz
10.0m
100.0m
1.0
2.0
100.0m
1.0
1.8
DEEMP
AVL is ON
AVL is OFF
Fig.18 AVL characteristic for TDA 8840/41/42/46/46A for 4.4 MHz standard
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com