전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA8844 Datasheet HTML 1Page - NXP Semiconductors TDA8844 Datasheet HTML 2Page - NXP Semiconductors TDA8844 Datasheet HTML 3Page - NXP Semiconductors TDA8844 Datasheet HTML 4Page - NXP Semiconductors TDA8844 Datasheet HTML 5Page - NXP Semiconductors TDA8844 Datasheet HTML 6Page - NXP Semiconductors TDA8844 Datasheet HTML 7Page - NXP Semiconductors TDA8844 Datasheet HTML 8Page - NXP Semiconductors TDA8844 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
December 16, 1997
4
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
−
8.0
−
V
IP
supply current
−
110
−
mA
Input voltages
ViVIFrms)
video IF amplifier sensitivity (RMS value)
−
35
−µV
ViSIF(rms)
sound IF amplifier sensitivity (RMS value)
−
1.0
−
mV
ViAUDIO(rms)
external audio input (RMS value)
−
350
−
mV
ViCVBS(p-p)
external CVBS/Y input (peak-to-peak value)
−
1.0
−
V
ViCHROMA(p-p)
external chroma input voltage (burst amplitude)
(peak-to-peak value)
−
0.3
−
V
ViRGB(p-p)
RGB inputs (peak-to-peak value)
−
0.7
−
V
Output signals
VoCVBS(p-p)
demodulated CVBS output (peak-to-peak value)
−
2.2
−
V
IoTUNER
tuner AGC output current range
0
−
5mA
VoVIDSW(p-p)
CVBS1/CVBS2 output voltage of video switch
(peak-to-peak value)
−
2.0/1.0
−
V
VoB-Y(p-p)
−(R−Y) output/input voltage (peak-to-peak value)
−
1.05
−
V
VoR-Y(p-p)
−(B−Y) output/input voltage (peak-to-peak value)
−
1.33
−
V
VoY(p-p)
Y output/input voltage (peak-to-peak value)
−
1.4
−
V
VoRGB(p-p)
RGB output signal amplitudes (peak-to-peak value)
−
2.0
−
V
IoHOR
horizontal output current
10
−−
mA
IoVERT
vertical output current (peak-to-peak value)
−
1
−
mA
IoEW
EW drive output current
1.2
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com