전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 60 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 60 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 56Page - NXP Semiconductors TDA8844 Datasheet HTML 57Page - NXP Semiconductors TDA8844 Datasheet HTML 58Page - NXP Semiconductors TDA8844 Datasheet HTML 59Page - NXP Semiconductors TDA8844 Datasheet HTML 60Page - NXP Semiconductors TDA8844 Datasheet HTML 61Page - NXP Semiconductors TDA8844 Datasheet HTML 62Page - NXP Semiconductors TDA8844 Datasheet HTML 63Page - NXP Semiconductors TDA8844 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
December 16, 1997
60
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
East-West output stage
In order to obtain correct tracking of the vertical and
horizontal EHT-correction, the EW output stage should be
dimensioned as illustrated in Fig.24.
Resistor REW determines the gain of the EW output stage.
Resistor Rc determines the reference current for both the
vertical sawtooth generator and the geometry processor.
The preferred value of Rc is 39 kΩ which results in a
reference current of 100
µA (Vref = 3.9 V).
The value of REW must be:
Example: With Vref = 3.9 V; Rc =39kΩ and Vscan = 120 V
then REW =68kΩ.
R
EW
R
c
V
scan
18
V
ref
×
-----------------------
×
=
handbook, full pagewidth
MLA744 - 1
TDA8366
HORIZONTAL
DEFLECTION
STAGE
DIODE
MODULATOR
VDD
V scan
V EW
Rew
EW output
stage
EWD
Csaw
100 nF
(5%)
Vref
Rc
39 k
Ω
(2%)
I ref
43
49
50
Fig.24 East-West output stage.
TDA
884X
45
52
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com