전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 47 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 47 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 43Page - NXP Semiconductors TDA8844 Datasheet HTML 44Page - NXP Semiconductors TDA8844 Datasheet HTML 45Page - NXP Semiconductors TDA8844 Datasheet HTML 46Page - NXP Semiconductors TDA8844 Datasheet HTML 47Page - NXP Semiconductors TDA8844 Datasheet HTML 48Page - NXP Semiconductors TDA8844 Datasheet HTML 49Page - NXP Semiconductors TDA8844 Datasheet HTML 50Page - NXP Semiconductors TDA8844 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
December 16, 1997
47
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
39. The IC’s have a zoom adjustment possibility for the horizontal and vertical deflection. For this reason an extra DAC
has been added in the vertical amplitude control which controls the vertical scan amplitude between 0.75 and 1.38
of the nominal scan. At an amplitude of 1.05 of the nominal scan the output current is limited and the blanking of the
RGB outputs is activated. This is illustrated in Fig.21. In addition to the variation of the vertical amplitude a vertical
scroll function is introduced so that it is always possible to display the most important part of the picture.
The nominal scan height must be adjusted at a position of 19 HEX of the vertical “zoom” DAC and 1F HEX of the
vertical scroll DAC.
40. At a chrominance input voltage of 660 mV (p-p) (colour bar with 75% saturation i.e. burst signal amplitude
300 mV (p-p)) the dynamic range of the ACC is +6 and
−20 dB.
41. The ACL function can be activated by via the ACL bit in the I2C subaddress 19. The ACL circuit reduces the gain of
the chroma amplifier for input signals with a chroma-to-burst ratio which exceeds a value of 3.0.
42. All frequency variations are referenced to 3.58 or 4.43 MHz carrier frequency.
All oscillator specifications are measured with the Philips crystal series 9922 520 with a series capacitance of 18 pF.
The oscillator circuit is rather insensitive to the spurious responses of the X-tal. As long as the resonance resistance
of the third overtone is higher than that of the fundamental frequency the oscillator will operate at the right frequency.
The typical crystal parameters for the X-tals mentioned above are:
a) Load resonance frequency f0 = 4.433619 or 3.579545 MHz; CL = 20 pF.
b) Motional capacitance CM = 20.5 fF (4.43 MHz crystal) or 14.5 fF (3.58 MHz crystal).
c) Parallel capacitance C0 = 5.0 pf for both X-tals.
The minimum detuning range can only be specified if both the IC and the X-tal tolerances are known and therefore
the figures regarding catching range are only valid for the specified X-tal series. In this figure tolerances of the X-tal
with respect to the nominal frequency, motional capacitance and ageing have been taken into account and have
been counted for by gaussic addition.
Whenever different typical X-tal parameters are used the following equation might be helpful for calculating the
impact on the tuning capabilities:
Detuning range = CM /(1 + C0/CL)2
The resulting detuning range should be corrected for temperature shift and supply voltage deviation of both the IC
and the X-tal. To guarantee a catching range of
±300 Hz on 4.43 MHz the minimum motional cpacitance of the X-tal
must have a value 13.2 fF or higher. For a catching range of 250 Hz with the 3.58 MHz X-tal the minimum motional
cpacitance must have a value of 9 fF.
The actual series capacitance in the application should be CL = 18 pF to account for parasitic capacitances on and
off chip.
For 3-norma applications with 2 X-tals connected to one pin the maximum parasitic capacitance of the X-tal pin
should not exceed 15 pF.
43. Because the base-band delay line is integrated the demodulated colour difference signals are matrixed before they
are supplied to the outputs. The colour difference out- and inputs must be dc coupled.
44. This parameter indicates the bandwidth of the complete chrominance circuit including the chrominance bandpass
filter. The bandwidth of the low-pass filter of the demodulator is approximately 1 MHz.
45. The subcarrier output signal can be used as reference signal for external comb filter IC’s (e.g. SAA 4961). When the
CMB bit is low the subcarrier signal is suppressed and the dc level is low. With the CMB bit high the output level is
high and the subcarrier signal is present.
46. The Dynamic Skin Tone Correction circuit is designed such that it corrects (instantaneously and locally) the hue of
those colours which are located in the area in the UV plane that matches to skin tones. The correction is dependent
on the luminance, saturation and distance to the preferred axis and can be realised for 2 different angles. This angle
can be set by means of the DSA bit. Because the amount of correction is dependent on the parameters of the
incoming YUV signal it is not possible to give exact figures for the correction angle. The correction angle of 45
(+/-22.5) degrees is just given as an indication and is valid for an input signal with a luminance signal amplitude of
75% and a colour saturation of 50%. A graphical representation of the control behaviour is given in Fig.20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com