전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 33 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 33 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 29Page - NXP Semiconductors TDA8844 Datasheet HTML 30Page - NXP Semiconductors TDA8844 Datasheet HTML 31Page - NXP Semiconductors TDA8844 Datasheet HTML 32Page - NXP Semiconductors TDA8844 Datasheet HTML 33Page - NXP Semiconductors TDA8844 Datasheet HTML 34Page - NXP Semiconductors TDA8844 Datasheet HTML 35Page - NXP Semiconductors TDA8844 Datasheet HTML 36Page - NXP Semiconductors TDA8844 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
December 16, 1997
33
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
FAST BLANKING INPUT (CONTINUED)
S.3.8
suppression of external RGB
signals
notes 5 and 23; no insertion;
fi = 0 to 5 MHz
−
55
−
dB
S.3.9
input voltage to blank the RGB
outputs to facilitate ‘On Screen
Display’ signals being applied to
the outputs
only on pin 26 (pin 38 for the
TDA 885X)
4
−−
V
COLOUR DIFFERENCE OUTPUT AND INPUT SIGNALS (PINS 29, 30, 31 AND 32); NOTE 26
S.4.1
signal amplitude (R
−Y)
(peak-to-peak value)
note 2
−
1.05
−
V
S.4.2
signal amplitude (B
−Y)
(peak-to-peak value)
note 2
−
1.33
−
V
LUMINANCE INPUTS AND OUTPUTS (PINS 27 AND 28); NOTE 26
S.5.1
output signal amplitude
(peak-to-peak value)
top sync-white
−
1.4
−
V
S.5.2
top sync level
−
2.0
−
V
S.5.3
output impedance
−
250
−Ω
Chrominance filters
CHROMINANCE TRAP CIRCUIT; NOTE 27
F.1.1
trap frequency
−
fosc
−
MHz
F.1.2
Bandwidth at fSC = 3.58 MHz
−3 dB
−
2.8
−
MHz
F.1.3
Bandwidth at fSC = 4.43 MHz
−3 dB
−
3.4
−
MHz
F.1.4
colour subcarrier rejection
at nominal peaking
20
30
−
dB
F.1.5
trap frequency during SECAM
reception
−
4.3
−
MHz
CHROMINANCE BANDPASS CIRCUIT
F.2.1
centre frequency (CB = 0)
−
fosc
−
MHz
F.2.2
centre frequency (CB = 1)
−
1.1xfosc
−
MHz
F.2.3
bandpass quality factor
−
3
−
CLOCHE FILTER
F.3.1
centre frequency
4.26
4.29
4.31
MHz
F.3.2
Bandwidth
241
268
295
kHz
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com