전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 20 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 20 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 16Page - NXP Semiconductors TDA8844 Datasheet HTML 17Page - NXP Semiconductors TDA8844 Datasheet HTML 18Page - NXP Semiconductors TDA8844 Datasheet HTML 19Page - NXP Semiconductors TDA8844 Datasheet HTML 20Page - NXP Semiconductors TDA8844 Datasheet HTML 21Page - NXP Semiconductors TDA8844 Datasheet HTML 22Page - NXP Semiconductors TDA8844 Datasheet HTML 23Page - NXP Semiconductors TDA8844 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
December 16, 1997
20
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
INPUT CONTROL BITS
Table 7
Source select
Note
1. These modes are intended for comb filter applications.
Table 8
Switch-on behaviour
Table 9
Phase 1 (
ϕ1) time constant
Table 10 Crystal indication
Table 11 Forced field frequency
INA
INB
INC
SELECTED SIGNALS
CVBS1
OUTPUT
0
0
0
Internal CVBS+ audio
Int. CVBS
0
0
1
External CVBS+ audio
Ext. CVBS
0
1
0
Y/C + ext. audio
Y/C(Y+C)
0
1
1
CVBS3 + ext. audio
CVBS3
1
0
0
Y/C + int audio, note 1
Int CVBS
1
1
0
Y/C + ext audio, note 1 Ext. CVBS
BCO
STATUS
0
switch-on of picture without delay
1
switch-on of picture via internal delay
FOA
FOB
MODE
0
0
normal
0
1
slow
1
0
slow/fast
1
1
fast
XA
XB
CRYSTAL
0
0
two 3.6 MHz
0
1
one 3.6 MHz (pin 34)
1
0
one 4.4 MHz (pin 35)
1
1
3.6 MHz (pin 34) and 4.4 MHz
(pin 35)
FORF
FORS
FIELD FREQUENCY
0
0
auto (60 Hz when line not in sync)
0
1
60 Hz
1
0
keep last detected field frequency
1
1
auto (50 Hz when line not in sync)
Table 12 Interlace
Table 13 Stand-by
Table 14 Synchronization mode
Table 15 Colour decoder mode
Table 16 Auto. Volume Levelling (TDA 8840/1/2/6/6A)
Table 17 RGB blanking mode (TDA 8843/44/47/54/57)
Table 18 Black current stabilisation
DL
STATUS
0
interlace
1
de-interlace
STB
MODE
0
stand-by
1
normal
POC
MODE
0
active
1
not active
CM2
CM1
CM0
DECODER MODE
0
0
0
not forced, own intelligence
0
0
1
forced X-tal pin 34 PAL/NTSC
0
1
0
forced X-tal pin 34 PAL
0
1
1
forced X-tal pin 34 NTSC
1
0
0
forced X-tal pin 35 PAL/NTSC
1
0
1
forced X-tal pin 35 PAL
1
1
0
forced X-tal pin 35 NTSC
1
1
1
Forced SECAM (X-tal pin 35)
AVL
MODE
0
not active
1
active
HBL
MODE
0
normal blanking (horizontal flyback)
1
wide blanking
AKB
MODE
0
active
1
not active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com