전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 48 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 48 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 44Page - NXP Semiconductors TDA8844 Datasheet HTML 45Page - NXP Semiconductors TDA8844 Datasheet HTML 46Page - NXP Semiconductors TDA8844 Datasheet HTML 47Page - NXP Semiconductors TDA8844 Datasheet HTML 48Page - NXP Semiconductors TDA8844 Datasheet HTML 49Page - NXP Semiconductors TDA8844 Datasheet HTML 50Page - NXP Semiconductors TDA8844 Datasheet HTML 51Page - NXP Semiconductors TDA8844 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
December 16, 1997
48
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
47. Because of the 2-point black current stabilisation circuit both the black level and the amplitude of the RGB output
signals depend on the drive characteristic of the picture tube. The system checks whether the returning measuring
currents meet the requirement and adapts the output level and gain of the circuit when necessary. Therefore the
typical value of the black level and amplitude at the output are just given as an indication for the design of the RGB
output stage.
The 2-point black level system adapts the drive voltage for each cathode in such a way that the 2 measuring currents
have the right value. This has the consequence that a change in the gain of the output stage will be compensated
by a gain change of the RGB control circuit. Because different picture tubes may require different drive voltage
amplitudes the ratio between the output signal amplitude and the inserted measuring pulses can be adapted via the
I2C-bus. This is indicated in the parameter “Adjustment range of the ratio between the amplitudes of the RGB drive
voltage and the measuring pulses”.
Because of the dependence of the output signal amplitude on the application the soft clipping limiting has been
related to the input signal amplitude.
48. For the alignment of the picture tube the vertical scan can be stopped by means of the VSD bit. In that condition a
certain black level is inserted at the RGB outputs. The value of this level can be adjusted by means of the brightness
control DAC.
49. When the reproduction of 4:3 pictures on a 16:9 picture tube is realised by means of a reduction of the horizontal
scan amplitude the edges of the picture may slightly be disturbed. This effect can be prevented by adding an
additional blanking to the RGB signals. The blanking pulse is derived form the horizontal oscillator and is directly
related to the incoming video signal (independent of the flyback pulse). The additional blanking overlaps the normal
blanking signal with about 1
µs on both sides. This blanking is activated with the HBL bit (only in the
TDA8843/44/47/54/57).
50. Signal-to-noise ratio (S/N) is specified as peak-to-peak signal with respect to RMS noise (bandwidth 5 MHz).
51. This is a current input.
52. The beam current limiting and the vertical guard function have been combined on this pin. The beam current limiting
function is active during the vertical scan period.
53. Via the “blue stretch” (BLS bit) or “extended blue stretch” (EBS bit) function the colour temperature of the bright
scenes (amplitudes which exceed a value of 80% of the nominal amplitude) can be increased. This effect is obtained
by decreasing the small signal gain of the red and green channel signals which exceed the 80% level. The effect is
illustrated in Fig.22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com