전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 28 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 28 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 24Page - NXP Semiconductors TDA8844 Datasheet HTML 25Page - NXP Semiconductors TDA8844 Datasheet HTML 26Page - NXP Semiconductors TDA8844 Datasheet HTML 27Page - NXP Semiconductors TDA8844 Datasheet HTML 28Page - NXP Semiconductors TDA8844 Datasheet HTML 29Page - NXP Semiconductors TDA8844 Datasheet HTML 30Page - NXP Semiconductors TDA8844 Datasheet HTML 31Page - NXP Semiconductors TDA8844 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
December 16, 1997
28
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
CHARACTERISTICS
VP =8V; Tamb =25 °C; unless otherwise specified.
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
POWER SUPPLY (PINS 12 AND 37)
V.1.1
supply voltage
7.2
8.0
8.8
V
V.1.2
supply current pin 12
−
70
−
mA
V.1.3
supply current pin 37
−
60
−
mA
V.1.4
total power dissipation
−
1040
−
mW
IF circuit
VISION IF AMPLIFIER INPUTS (PINS 48 AND 49)
input sensitivity (RMS value)
note 1
M.1.1
fi = 38.90 MHz
10
35
100
µV
M.1.2
fi = 45.75 MHz
10
35
100
µV
M.1.3
fi = 58.75 MHz
10
35
100
µV
M.1.4
input resistance (differential)
note 2
−
2
−
k
Ω
M.1.5
input capacitance (differential)
note 2
−
3
−
pF
M.1.6
gain control range
64
75
−
dB
M.1.7
maximum input signal
(RMS value)
150
−−
mV
PLL DEMODULATOR (PLL FILTER ON PIN 5); NOTES 3 AND 4
M.2.1
Free-running frequency of VCO
PLL not locked, deviation
from nominal setting
−500
−
+500
kHz
M.2.2
Catching range PLL
−
2
−
MHz
M.2.3
Acquisition time PLL
−−
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com