전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 37 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 37 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 33Page - NXP Semiconductors TDA8844 Datasheet HTML 34Page - NXP Semiconductors TDA8844 Datasheet HTML 35Page - NXP Semiconductors TDA8844 Datasheet HTML 36Page - NXP Semiconductors TDA8844 Datasheet HTML 37Page - NXP Semiconductors TDA8844 Datasheet HTML 38Page - NXP Semiconductors TDA8844 Datasheet HTML 39Page - NXP Semiconductors TDA8844 Datasheet HTML 40Page - NXP Semiconductors TDA8844 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
December 16, 1997
37
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
EHT TRACKING/OVERVOLTAGE PROTECTION (CONTINUED)
H.10.4
EW sensitivity
when switched-on
−−6.3
−
%/V
H.10.5
EW equivalent output current
+100
−−100
µA
H.10.6
overvoltage detection level
note 32
−
3.9
−
V
DE-INTERLACE
H.11.1
first field delay
−
0.5H
−
EW WIDTH; NOTE 38
H.12.1
control range
63 steps
100
−
65
%
H.12.2
equivalent output current
0
−
700
µA
H.12.3
EW output voltage range
1.0
−
8.0
V
H.12.4
EW output current range
0
−
1200
µA
EW PARABOLA/WIDTH
H.13.1
control range
63 steps
0
−
22
%
H.13.2
equivalent output current
EW = 3FH
0
−
440
µA
EW CORNER/PARABOLA
H.14.1
control range
63 steps
−43
−
0%
H.14.2
equivalent output current
PW = 3FH; EW = 3FH
−190
−
0
µA
EW TRAPEZIUM
H.15.1
control range
63 steps
−5
−
+5
%
H.15.2
equivalent output current
−100
−
+100
µA
VERTICAL AMPLITUDE
H.16.1
control range
63 steps; SC = 00H
80
−
120
%
H.16.2
equivalent differential vertical
drive output current
(peak-to-peak value)
SC = 00H
760
−
1140
µA
VERTICAL SHIFT
H.17.1
control range
63 steps
−5
−
+5
%
H.17.2
equivalent differential vertical
drive output current
(peak-to-peak value)
−50
−
+50
µA
S-CORRECTION
H.18.1
control range
63 steps
0
−
30
%
VERTICAL ZOOM MODE (OUTPUT CURRENT VARIATION WITH RESPECT TO NOMINAL SCAN); NOTE 39
H.19.1
vertical expand factor
0.75
−
1.38
H.19.2
output current limiting and RGB
blanking
−
1.05
−
VERTICAL SCROLL
H.20.1
Control range (percentage of
nominal picture amplitude)
-18
−
19
%
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com