전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 25 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 25 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 21Page - NXP Semiconductors TDA8844 Datasheet HTML 22Page - NXP Semiconductors TDA8844 Datasheet HTML 23Page - NXP Semiconductors TDA8844 Datasheet HTML 24Page - NXP Semiconductors TDA8844 Datasheet HTML 25Page - NXP Semiconductors TDA8844 Datasheet HTML 26Page - NXP Semiconductors TDA8844 Datasheet HTML 27Page - NXP Semiconductors TDA8844 Datasheet HTML 28Page - NXP Semiconductors TDA8844 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
December 16, 1997
25
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
OUTPUT CONTROL BITS
Table 61 Power-on-reset
Table 62 Field frequency indication
Table 63 Phase 1 (
ϕ1) lock indication
Table 64 X-ray protection
Table 65 Colour decoder mode
Table 66 Output vertical guard
Table 67 Indication RGB-1/2 (TDA 885X)insertion
POR
MODE
0
normal
1
power-down
FSI
FREQUENCY
050 Hz
160 Hz
SL
INDICATION
0
not locked
1
locked
XPR
OVERVOLTAGE
0
no overvoltage detected
1
overvoltage detected
CD2
CD1
CD0
STANDARD
0
0
0
no colour standard identified
0
0
1
NTSC with X-tal pin 34
0
1
0
PAL with X-tal pin 35
0
1
1
SECAM
1
0
0
NTSC with X-tal pin 35
1
0
1
PAL with X-tal pin 34
1
1
0
spare
NDF
VERTICAL OUTPUT STAGE
0OK
1
failure
INX
RGB INSERTION
0
no (pin 26/38 and/or 44 LOW)
1
yes (pin 26/38 and/or 44HIGH)
Table 68 Output video identification
Table 69 AFC output
Table 70 X-tal indication
Table 71 Condition black current loop
Table 72 Mask version indication
Table 73 Condition vertical divider
IFI
VIDEO SIGNAL
0
no video signal identified
1
video signal identified
AFA
AFB
CONDITION
0
0
outside window; too low
0
1
outside window; too high
1
0
in window; below reference
1
1
in window; above reference
SXA
SXB
CONDITION
0
0
two 3.6 MHz X-tals
0
1
only 3.6 MHz X-tal
1
0
only 4.4 MHz X-tal
1
1
3.6 and 4.4 MHz X-tal
BCF
CONDITION
0
black current loop is stabilised
1
black current loop is not stabilised
N2
MASK VERSION
0
N1 version
1
N2 version
IVW
STANDARD VIDEO SIGNAL
0
no standard video signal
1
standard video signal (525 or 625 lines)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com