전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8844 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TDA8844
상세설명  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 5Page - NXP Semiconductors TDA8844 Datasheet HTML 6Page - NXP Semiconductors TDA8844 Datasheet HTML 7Page - NXP Semiconductors TDA8844 Datasheet HTML 8Page - NXP Semiconductors TDA8844 Datasheet HTML 9Page - NXP Semiconductors TDA8844 Datasheet HTML 10Page - NXP Semiconductors TDA8844 Datasheet HTML 11Page - NXP Semiconductors TDA8844 Datasheet HTML 12Page - NXP Semiconductors TDA8844 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
December 16, 1997
9
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
The pin numbers mentioned in the rest of this document are referenced to the SDIP56 (SOT400) package.
In the TDA 8840/41/42/46/46A the following pins are different:
Pin 16 (SECAM PLL decoupling): Not connected in the TDA 8840/41/46/46A
Pin 27: Not connected in TDA 8840/41/42
Pin 28: Luminance output in TDA 8840/41/42
Pin 29-32 (U/V interface): Not available in TDA 8840/41/42
Pin 35 (4.43 MHz X-tal): Not connected in the TDA 8846/46A
Pin 45 (E-W drive output): AVL capacitor
In the TDA 8857H the pins 28 (SECAM PLL decoupling) and 51 (4.43 MHz X-tal) are not connected.
DECDIG
39
55
Decoupling digital supply
HOUT
40
56
horizontal output
FBISO
41
57
flyback input/sandcastle output
PH2LF
42
58
phase-2 filter
PH1LF
43
59
phase-1 filter
GND2
44
60
ground 2
EWD
45
62
east-west drive output
VDRB
46
63
vertical drive B output
VDRA
47
64
vertical drive A output
IFIN1
48
1
IF input 1
IFIN2
49
2
IF input 2
EHTO
50
3
EHT/overvoltage protection input
VSC
51
4
vertical sawtooth capacitor
Iref
52
5
reference current input
DECAGC
53
6
AGC decoupling capacitor
AGCOUT
54
7
tuner AGC output
AUDEEM
55
8
Audio deemphasis
DECSDEM
56
9
Decoupling sound demodulator
n.c.
−
12
not connected
VP3
−
23
Main supply voltage 2 (+8V)
CVBS2O
−
26
CVBS-2 output
RI2
−
41
2nd R input
GI2.
−
42
2nd G input
BI2
−
43
2nd B input
RGBIN2
−
44
2nd RGB insertion input
GND3
−
61
ground 3
SYMBOL
PIN
DESCRIPTION
SDIP56
QFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com