전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 83 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 83 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 87Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
83
Rev. A
11/06/2015
9.4 AC MEASUREMENT CONDITIONS
Symbol
Parameter
Min
Max
Units
CL
Load Capacitance up to 104MHz
30
pF
Load Capacitance up to 133MHz
15
pF
TR,TF
Input Rise and Fall Times
5
ns
VIN
Input Pulse Voltages
0.2VCC to 0.8VCC
V
VREFI
Input Timing Reference Voltages
0.3VCC to 0.7VCC
V
VREFO
Output Timing Reference Voltages
0.5VCC
V
Figure 9.1 Output test load & AC measurement I/O Waveform
OUTPUT PIN
1.8k
1.2k
15/30pf
0.8VCC
0.2VCC
Input
VCC/2
AC
Measurement
Level
9.5 PIN CAPACITANCE
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
CIN
Input Capacitance
(CE#, SCK)
VIN = 0V
-
-
6
pF
CIN/OUT
Input/Output Capacitance
(other pins)
VIN/OUT = 0V
-
-
8
pF
Notes:
1. These parameters are characterized and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com