전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 24 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 24 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 28Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
24
Rev. A
11/06/2015
8.1 NORMAL READ OPERATION (NORD, 03h)
The NORMAL READ (NORD) instruction is used to read memory contents of the IS25LP064A/032A at a
maximum frequency of 50MHz.
The NORD instruction code is transmitted via the SI line, followed by three address bytes (A23 - A0) of the first
memory location to be read. A total of 24 address bits are shifted in, but only AMSB (most significant bit) - A0 are
decoded. The remaining bits (A23
– AMSB+1) are ignored. The first byte addressed can be at any memory
location. Upon completion, any data on the SI will be ignored. Refer to Table 8.2 for the related Address Key.
The first byte data (D7 - D0) is shifted out on the SO line, MSB first. A single byte of data, or up to the whole
memory array, can be read out in one NORMAL READ instruction. The address is automatically incremented by
one after each byte of data is shifted out. The read operation can be terminated at any time by driving CE# high
(VIH) after the data comes out. When the highest address of the device is reached, the address counter will roll
over to the 000000h address, allowing the entire memory to be read in one continuous READ instruction.
If the NORMAL READ instruction is issued while an Erase, Program or Write operation is in process (WIP=1)
the instruction is ignored and will not have any effects on the current operation.
Table 8.2 Address Key
Address
IS25LP064A
IS25LP032A
AMSB – A0
A23 - A0 (A23=X)
A23 - A0 (A23,A22=X)
X=Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com