전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 71 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 71 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 75Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
71
Rev. A
11/06/2015
FAST READ DTR QPI MODE OPERATION (FRDTR QPI, 0Dh)
The FRDTR QPI instruction utilizes all four IO lines to input the instruction code so that only two clocks are
required, while the FRDTR instruction requires that the byte-long instruction code is shifted into the device only
via IO0 line in eight clocks. In addition, subsequent address and data out are shifted in/out via all four IO lines
unlike the FRDTR instruction. Eventually this operation is same as the FRQDTR QPI, but the only different thing
is that AX mode is not available in the FRDTR QPI operation.
The sequence of issuing FRDTR QPI instruction is: CE# goes low  Sending FRDTR QPI instruction (4-bit per
clock)  24-bit address interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)  3 dummy clocks (configurable,
default is 3 clocks)  Data out interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)  End FRDTR QPI operation
by driving CE# high at any time during data out.
If the FRDTR QPI instruction is issued while a Program/Erase/Write Status Register cycle is in progress
(WIP=1), the instruction will be rejected without any effect on the current cycle.
Figure 8.56 FRDTR QPI Sequence
Instruction
= 0Dh
CE #
SCK
3-byte Address
0
1
2
3
4
5
6
7
8
9
10
11
12
Mode 3
Mode 0
tV
20 16 12
5 1
21 17 13
4 0
IO0
IO1
22 18 14
23 19 15
8 4
0
9 5
1
10 6
2
11 7
3
3 Dummy Cycles
IO2
IO3
6 2
7 3
5 1
4 0
6 2
7 3
Data
Out
Data
Out
...
4
0
5
1
6
2
7
3
5 1
4 0
6 2
7 3
Data
Out
5 1
4 0
6 2
7 3
Data
Out
5 1
4 0
6 2
7 3
Data
Out
...
...
...
...
Notes:
1. Number of dummy cycles depends on clock speed. Detailed information in Table 6.10 Read Dummy Cycles.
2. Sufficient dummy cycles are required to avoid I/O contention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com