전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 37 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 37 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 41Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
37
Rev. A
11/06/2015
FAST READ QUAD I/O QPI OPERATION (FRQIO QPI, EBh)
The FRQIO QPI instruction is used to read memory data at up to a 133MHz clock.
The FRQIO QPI instruction utilizes all four IO lines to input the instruction code so that only two clocks are
required, while the FRQIO instruction requires that the byte-long instruction code is shifted into the device only
via IO0 line in eight clocks. As a result, 6 command cycles will be reduced by the FRQIO QPI instruction. In
addition, subsequent address and data out are shifted in/out via all four IO lines like the FRQIO instruction. In
fact, except for the command cycle, the FRQIO QPI operation is exactly same as the FRQIO.
The device supports the AX read operation by applying mode bits during dummy period. Mode bits consist of 8
bits, such as M7 to M0. Two cycles after address input are reserved for Mode bits in FRQIO execution. M7 to
M4 are important for enabling this mode.
M3 to M0 become don’t care for future use. When M[7:4]=1010(Ah), it
enables the AX read operation and subsequent FRQIO execution skips command code. It saves cycles as
described in Figure 8.9. When the code is different from AXh (
where X is don’t care), the device exits the AX
read operation. After finishing the read operation, device becomes ready to receive a new command. SPI or QPI
mode configuration retains the prior setting. Mode bit must be applied during dummy cycles. Number of dummy
cycles in Table 6.10 includes number of mode bit cycles. If dummy cycles are configured as 6 cycles, data
output will start right after mode bits and 4 additional dummy cycles are applied.
If the FRQIO QPI instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the
instruction is ignored and will not have any effects on the current cycle.
Figure 8.10 Fast Read Quad I/O QPI Sequence
EBh
CE#
SCK
IO[3:0]
6 Dummy Cycles
3-byte Address
0
1
2
3
4
5
6
7
8
9
...
13
14
15
16
17
Mode 3
Mode 0
23:20
7:4
3:0
7:4
3:0
Data 1
Data 2
19:16 15:12 11:8
7:4
3:0
...
tV
Instruction
Mode Bits
7:4
3:0
...
Note: Number of dummy cycles depends on Read Parameter setting. Detailed information in Table 6.10 Read
Dummy Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com