전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 5 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25LP032A-SWLE1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
5
Rev. A
11/06/2015
8.20 ENTER QUAD PERIPHERAL INTERFACE (QPI) MODE OPERATION (QPIEN, 35h; QPIDI, F5h) 52
8.21 PROGRAM/ERASE SUSPEND & RESUME......................................................................................53
8.22 ENTER DEEP POWER DOWN (DP, B9h) .........................................................................................55
8.23 RELEASE DEEP POWER DOWN (RDPD, ABh) ...............................................................................56
8.24 SET READ PARAMETERS OPERATION (SRP, C0h) ......................................................................57
8.25 READ PRODUCT IDENTIFICATION (RDID, ABh) ............................................................................59
8.26 READ PRODUCT IDENTIFICATION BY JEDEC ID OPERATION (RDJDID, 9Fh; RDJDIDQ, AFh) 61
8.27 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h) ........................62
8.28 READ UNIQUE ID NUMBER (RDUID, 4Bh) ......................................................................................63
8.29 READ SFDP OPERATION (RDSFDP, 5Ah) ......................................................................................64
8.30 NO OPERATION (NOP, 00h) .............................................................................................................64
8.31 SOFTWARE RESET (RESET-ENABLE (RSTEN, 66h) AND RESET (RST, 99h)) AND HARDWARE
RESET ........................................................................................................................................................65
8.32 SECURITY INFORMATION ROW......................................................................................................66
8.33 INFORMATION ROW ERASE OPERATION (IRER, 64h) .................................................................67
8.34 INFORMATION ROW PROGRAM OPERATION (IRP, 62h) .............................................................68
8.35 INFORMATION ROW READ OPERATION (IRRD, 68h) ...................................................................69
8.36 FAST READ DTR MODE OPERATION (FRDTR, 0Dh).....................................................................70
8.37 FAST READ DUAL IO DTR MODE OPERATION (FRDDTR, BDh) ..................................................72
8.38 FAST READ QUAD IO DTR MODE OPERATION (FRQDTR, EDh) .................................................75
8.39 SECTOR LOCK/UNLOCK FUNCTIONS ............................................................................................79
9.
ELECTRICAL CHARACTERISTICS...........................................................................................................81
9.1 ABSOLUTE MAXIMUM RATINGS
(1) ...................................................................................................81
9.2 OPERATING RANGE ...........................................................................................................................81
9.3 DC CHARACTERISTICS......................................................................................................................82
9.4 AC MEASUREMENT CONDITIONS ....................................................................................................83
9.5 PIN CAPACITANCE .............................................................................................................................83
9.6 AC CHARACTERISTICS ......................................................................................................................84
9.7 SERIAL INPUT/OUTPUT TIMING........................................................................................................86
9.8 POWER-UP AND POWER-DOWN ......................................................................................................88
9.9 PROGRAM/ERASE PERFORMANCE .................................................................................................89
9.10 RELIABILITY CHARACTERISTICS ...................................................................................................89
10.
PACKAGE TYPE INFORMATION.........................................................................................................90
10.1 8-Pin JEDEC 208mil Broad Small Outline Integrated Circuit (SOIC) Package (B) ............................90
10.2 8-Contact Ultra-Thin Small Outline No-Lead (WSON) Package 6x5mm (K)......................................91
10.3 8-Contact Ultra-Thin Small Outline No-Lead (WSON) Package 8x6mm (L) ......................................92
10.4 8-Pin 208mil VSOP Package (F) ........................................................................................................93
10.5 16-lead Plastic Small Outline package (300 mils body width) (M) .....................................................94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com