전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 42 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 42 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 46Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
42
Rev. A
11/06/2015
8.11 SECTOR ERASE OPERATION (SER, D7h/20h)
A Sector Erase (SER) instruction erases a 4 Kbyte sector before the execution of a SER instruction, the Write
Enable Latch (WEL) must be set via a Write Enable (WREN) instruction. The WEL bit is automatically reset after
the completion of Sector Erase operation.
A SER instruction is entered, after CE# is pulled low to select the device and stays low during the entire
instruction sequence The SER instruction code, and three address bytes are input via SI. Erase operation will
start immediately after CE# is pulled high. The internal control logic automatically handles the erase voltage and
timing.
During an erase operation, all instruction will be ignored except the Read Status Register (RDSR) instruction.
The progress or completion of the erase operation can be determined by reading the WIP bit in the Status
Register using a RDSR instruction.
If the WIP bit is “1”, the erase operation is still in progress. If the WIP bit is “0”, the erase operation has been
completed.
Figure 8.14 Sector Erase Sequence
Instruction = D7h/20h
23
CE #
SCK
SI
3
2
SO
1
0
3-byte Address
High Impedance
22
21
...
0
1
2
3
4
5
6
7
8
9
10
...
28
29
30
31
Mode 3
Mode 0
Figure 8.15 Sector Erase QPI Sequence
D7h/20h
CE#
SCK
IO[3:0]
3-byte Address
0
1
2
3
4
5
6
7
Mode 3
Mode 0
23:20 19:16 15:12 11:8
7:4
3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com