전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 72 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 72 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 76Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
72
Rev. A
11/06/2015
8.37 FAST READ DUAL IO DTR MODE OPERATION (FRDDTR, BDh)
The FRDDTR instruction enables Double Transfer Rate throughput on dual I/O of the device in read mode. The
address (interleave on dual I/O pins) is latched on both rising and falling edge of SCK, and the data (interleave
on dual I/O pins) shift out on both rising and falling edge of SCK at a maximum frequency fT2. The 4-bit address
can be latched-in at one clock, and 4-bit data can be read out at one clock, which means two bits at the rising
edge of clock, the other two bits at the falling edge of clock.
The first address byte can be at any location. The address is automatically increased to the next higher address
after each byte of data is shifted out, so the whole memory can be read out with a single FRDDTR instruction.
The address counter rolls over to 0 when the highest address is reached. Once writing FRDDTR instruction, the
following address/dummy/data out will perform as 4-bit instead of previous 1-bit.
The sequence of issuing FRDDTR instruction is: CE# goes low  Sending FRDDTR instruction (1-bit per clock)
 24-bit address interleave on IO1 & IO0 (4-bit per clock)  2 dummy clocks (configurable default is 2 clocks)
on IO1 & IO0  Data out interleave on IO1 & IO0 (4-bit per clock)  End FRDDTR operation via pulling CE#
high at any time during data out (Please refer to Figure 8.57 for 2 x I/O Double Transfer Rate Read Mode
Timing Waveform).
If AXh (
where X is don’t care) is input for the mode bits during dummy cycles, the device will enter AX read
operation mode which enables subsequent FRDDTR execution skips command code. It saves cycles as
described in Figure 8.58. When the code is different from AXh, the device exits the AX read operation. After
finishing the read operation, device becomes ready to receive a new command. Since the number of dummy
cycles and AX bit cycles are same in this case, X should be Hi-Z to avoid I/O contention.
If the FRDDTR instruction is issued while a Program/Erase/Write Status Register cycle is in progress (WIP=1),
the instruction will be rejected without any effect on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com