전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 59 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 59 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 63Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
59
Rev. A
11/06/2015
8.25 READ PRODUCT IDENTIFICATION (RDID, ABh)
The Release from Power-down/Read Device ID instruction is a multi-purpose instruction. It can support both SPI
and QPI modes. The Read Product Identification (RDID) instruction is for reading out the old style of 8-bit
Electronic Signature, whose values are shown as table of Product Identification.
The RDID instruction code is followed by three dummy bytes, each bit being latched-in on SI during the rising
SCK edge. Then the Device ID is shifted out on SO with the MSB first, each bit been shifted out during the
falling edge of SCK. The RDID instruction is ended by driving CE# high. The Device ID (ID7-ID0) outputs
repeatedly if additional clock cycles are continuously sent to SCK while CE# is at low.
Table 8.5 Product Identification
Manufacturer ID
(MF7-MF0)
ISSI Serial Flash
9Dh
Instruction
ABh
90h
9Fh
Device Density
Device ID (ID7-ID0)
Memory Type + Capacity
(ID15-ID0)
32Mb
15h
6016h
64Mb
16h
6017h
Figure 8.42 Read Product Identification Sequence
Device ID
(ID7-ID0)
Data Out
32
33
...
39
Instruction = ABh
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
Mode 3
Mode 0
3 Dummy Bytes
tV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com