전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 69 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 69 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 73Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
69
Rev. A
11/06/2015
8.35 INFORMATION ROW READ OPERATION (IRRD, 68h)
The IRRD instruction is used to read memory data at up to a 133MHz clock.
The IRRD instruction code is followed by three address bytes (A23 - A0) and a dummy byte, transmitted via the
SI line, with each bit latched-in during the rising edge of SCK. Then the first data byte addressed is shifted out
on the SO line, with each bit shifted out at a maximum frequency fCT, during the falling edge of SCK.
The address is automatically incremented by one after each byte of data is shifted out. Once the address
reaches the last address of each 256 byte Information Row, the next address will not be valid and the data of
the address will be garbage data. It is recommended to repeat four times IRRD operation that reads 256 byte
with a valid starting address of each Information Row in order to read all data in the 4 x 256 byte Information
Row array. The IRRD instruction is terminated by driving CE# high (VIH).
If an IRRD instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the instruction is
ignored and will not have any effects on the current cycle.
The sequence of IRRD instruction is same as FAST READ except for the instruction code. IRRD QPI sequence
is also same as FAST READ QPI except for the instruction code. Refer to the FAST READ QPI operation.
Figure 8.54 IRRD (Information Row Read) Sequence
Instruction = 68h
Dummy Cycles
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3 Byte Address
Data Out
tV
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com