전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 55 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 55 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 59Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
55
Rev. A
11/06/2015
8.22 ENTER DEEP POWER DOWN (DP, B9h)
The Enter Deep Power-down (DP) instruction is for setting the device on the minimizing the power consumption
(enter into Power-down mode). During this mode, standby current is reduced from Isb1 to Isb2. While in the
Power-down mode, the device is not active and all Write/Program/Erase instructions are ignored. The instruction
is initiated by driving the CE# pin low and shifting the instruction code into the device. The CE# pin must be
driven high after the instruction has been latched, or Power-down mode will not engage. Once CE# pin driven
high, the Power-down mode will be entered within the time duration of tDP. While in the Power-down mode only
the Release from Power-down/RDID instruction, which restores the device to normal operation, will be
recognized. All other instructions are ignored, including the Read Status Register instruction which is always
available during normal operation. Ignoring all but one instruction makes the Power Down state a useful
condition for securing maximum write protection. It is available in both SPI and QPI mode.
Figure 8.36 Enter Deep Power Down Mode Sequence
Instruction = B9h
CE #
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
tDP
SO
High Impedance
Figure 8.37 Enter Deep Power Down Mode QPI Sequence
B9h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
tDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com