전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 56 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 56 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 60Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
56
Rev. A
11/06/2015
8.23 RELEASE DEEP POWER DOWN (RDPD, ABh)
The Release Deep Power-down/Read Device ID instruction is a multi-purpose command. To release the device
from the Power-down mode, the instruction is issued by driving the CE# pin low, shifting the instruction code
“ABh” and driving CE# high.
Releasing the device from Power-down mode will take the time duration of tRES1 before normal operation is
restored and other instructions are accepted. The CE# pin must remain high during the tRES1 time duration. If
the Release Deep Power-down/RDID instruction is issued while an Erase, Program or Write cycle is in progress
(WIP=1) the instruction is ignored and will not have any effects on the current cycle.
Figure 8.38 Release Power Down Sequence
tRES1
Instruction = ABh
CE #
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.39 Release Power Down QPI Sequence
tRES1
ABh
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com