전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 22 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 22 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 26Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
22
Rev. A
11/06/2015
8. DEVICE OPERATION
The IS25LP064A/032A utilizes an 8-bit instruction register. Refer to Table 8.1. Instruction Set for details on
instructions and instruction codes. All instructions, addresses, and data are shifted in with the most significant bit
(MSB) first on Serial Data Input (SI) or Serial Data IOs (IO0, IO1, IO2, IO3). The input data on SI or IOs is
latched on the rising edge of Serial Clock (SCK) for normal mode and both of rising and falling edges for DTR
mode after Chip Enable (CE#) is driven low (VIL). Every instruction sequence starts with a one-byte instruction
code and is followed by address bytes, data bytes, or both address bytes and data bytes, depending on the type
of instruction. CE# must be driven high (VIH) after the last bit of the instruction sequence has been shifted in to
end the operation.
Table 8.1 Instruction Set
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
NORD
Normal Read
Mode
SPI
03h
A
<23:16>
A
<15:8>
A
<7:0>
Data out
FRD
Fast Read
Mode
SPI
QPI
0Bh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
(1)
Byte
Data out
FRDIO
Fast Read
Dual I/O
SPI
BBh
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh
(1),(2)
Dual
Dual
Data out
FRDO
Fast Read
Dual Output
SPI
3Bh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
(1)
Byte
Dual
Data out
FRQIO
Fast Read
Quad I/O
SPI
QPI
EBh
A
<23:16>
Quad
A
<15:8>
Quad
A
<7:0>
Quad
AXh
(1), (2)
Quad
Quad
Data out
FRQO
Fast Read
Quad Output
SPI
6Bh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
(1)
Byte
Quad
Data out
FRDTR
Fast Read
DTR Mode
SPI
QPI
0Dh
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
(1)
Byte
Dual
Data out
FRDDTR
Fast Read
Dual I/O DTR
SPI
BDh
A
<23:16>
Dual
A
<15:8>
Dual
A
<7:0>
Dual
AXh
(1), (2)
Dual
Dual
Data out
FRQDTR
Fast Read
Quad I/O DTR
SPI
QPI
EDh
A
<23:16>
A
<15:8>
A
<7:0>
AXh
(1), (2)
Quad
Quad
Data out
PP
Input Page
Program
SPI
QPI
02h
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
PPQ
Quad Input
Page Program
SPI
32h
38h
A
<23:16>
A
<15:8>
A
<7:0>
Quad PD
(256byte)
SER
Sector Erase
SPI
QPI
D7h
20h
A
<23:16>
A
<15:8>
A
<7:0>
BER32
(32Kb)
Block Erase
32K
SPI
QPI
52h
A
<23:16>
A
<15:8>
A
<7:0>
BER64
(64Kb)
Block Erase
64K
SPI
QPI
D8h
A
<23:16>
A
<15:8>
A
<7:0>
CER
Chip Erase
SPI
QPI
C7h
60h
WREN
Write Enable
SPI
QPI
06h
WRDI
Write Disable
SPI
QPI
04h
RDSR
Read Status
Register
SPI
QPI
05h
SR
WRSR
Write Status
Register
SPI
QPI
01h
WSR
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com