전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 89 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 89 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 93Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
89
Rev. A
11/06/2015
9.9 PROGRAM/ERASE PERFORMANCE
Parameter
Typ
Max
Unit
Sector Erase Time (4Kbyte)
70
300
ms
Block Erase Time (32Kbyte)
0.1
0.5
s
Block Erase Time (64Kbyte)
0.15
1.0
s
Chip Erase Time
32Mb
8
23
s
64Mb
16
45
Page Programming Time
0.2
0.8
ms
Byte Program
8
40
µs
Note: These parameters are characterized and not 100% tested.
9.10 RELIABILITY CHARACTERISTICS
Parameter
Min
Max
Unit
Test Method
Endurance
100,000
-
Cycles
JEDEC Standard A117
Data Retention
20
-
Years
JEDEC Standard A117
Latch-Up
-100
+100
mA
JEDEC Standard 78
Note: These parameters are characterized and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com