전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 21 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
21
Rev. A
11/06/2015
7. PROTECTION MODE
The IS25LP064A/032A supports hardware and software write-protection mechanisms.
7.1 HARDWARE WRITE PROTECTION
The Write Protection (WP#) pin provides a hardware write protection method for BP3, BP2, BP1, BP0, SRWD,
and QE in the Status Register. Refer to the section 6.1 STATUS REGISTER.
Write inhibit voltage (VWI) is specified in the section 9.8 POWER-UP AND POWER-DOWN. All write sequence
will be ignored when Vcc drops to VWI.
Table 7.1 Hardware Write Protection on Status Register
SRWD
WP#
Status Register
0
Low
Writable
1
Low
Protected
0
High
Writable
1
High
Writable
Note: Before the execution of any program, erase or write Status/Function Register instruction, the Write Enable
Latch (WEL) bit must be enabled by executing a Write Enable (WREN) instruction. If the WEL bit is not
enabled, the program, erase or write register instruction will be ignored.
7.2 SOFTWARE WRITE PROTECTION
The IS25LP064A/032A also provides a software write protection feature. The Block Protection (TBS, BP3, BP2,
BP1, BP0) bits allow part or the whole memory area to be write-protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com