전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 78 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 78 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 82Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
78
Rev. A
11/06/2015
FAST READ QUAD IO DTR QPI MODE OPERATION (FRQDTR QPI, EDh)
The FRQDTR QPI instruction utilizes all four IO lines to input the instruction code so that only two clocks are
required, while the FRQDTR instruction requires that the byte-long instruction code is shifted into the device
only via IO0 line in eight clocks. As a result, 6 command cycles will be reduced by the FRQDTR QPI instruction.
In addition, subsequent address and data out are shifted in/out via all four IO lines like the FRQDTR instruction.
In fact, except for the command cycle, the FRQDTR QPI operation is exactly same as the FRQDTR.
The sequence of issuing FRQDTR QPI instruction is: CE# goes low  Sending FRQDTR QPI instruction (4-bit
per clock)  24-bit address interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)  3 dummy clocks (configurable,
default is 3 clocks)  Data out interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)  End FRQDTR QPI
operation by driving CE# high at any time during data out.
If AXh (
where X is don’t care) is input for the mode bits during dummy cycles, the device will enter AX read
operation mode which enables subsequent FRQDTR QPI execution skips command code. It saves cycles as
described in Figure 8.60. When the code is different from AXh, the device exits the AX read operation. After
finishing the read operation, device becomes ready to receive a new command.
If the FRQDTR QPI instruction is issued while a Program/Erase/Write Status Register cycle is in progress
(WIP=1), the instruction will be rejected without any effect on the current cycle.
Figure 8.61 FRQDTR QPI Sequence (with command decode cycles)
Instruction
= EDh
CE #
SCK
3-byte Address
0
1
2
3
4
5
6
7
8
9
10
11
12
Mode 3
Mode 0
tV
20 16 12
5 1
21 17 13
4 0
IO0
IO1
22 18 14
23 19 15
8 4 0
9 5 1
10 6 2
11 7 3
3 Dummy Cycles
IO2
IO3
6 2
7 3
5 1
4 0
6 2
7 3
Data
Out
Data
Out
5 1
4 0
6 2
7 3
Mode Bits
...
4
0
5
1
6
2
7
3
5 1
4 0
6 2
7 3
Data
Out
5 1
4 0
6 2
7 3
Data
Out
5 1
4 0
6 2
7 3
Data
Out
...
...
...
...
Notes:
1. If the mode bits=AXh (
where X is don’t care), it can execute the AX read mode (without command). When the
mode bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.10 Read Dummy Cycles.
3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bit cycles
are same, then X should be Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com