전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 23 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 23 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 27Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
23
Rev. A
11/06/2015
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
RDFR
Read Function
Register
SPI
QPI
48h
Data
out
WRFR
Write Function
Register
SPI
QPI
42h
WFR
Data
QPIEN
Enter
QPI mode
SPI
35h
QPIDI
Exit
QPI mode
QPI
F5h
PERSUS
Suspend during
program/erase
SPI
QPI
75h
B0h
PERRSM
Resume
program/erase
SPI
QPI
7Ah
30h
DP
Deep Power
Down
SPI
QPI
B9h
RDID,
RDPD
Read ID /
Release
Power Down
SPI
QPI
ABh
XXh
(3)
XXh
(3)
XXh
(3)
ID7-ID0
SRP
Set Read
Parameters
SPI
QPI
C0h
Data in
RDJDID
Read JEDEC
ID Command
SPI
QPI
9Fh
MF7-MF0
ID15-ID8
ID7-ID0
RDMDID
Read
Manufacturer
& Device ID
SPI
QPI
90h
XXh
(3)
XXh
(3)
00h
MF7-MF0
ID7-ID0
01h
ID7-ID0
MF7-MF0
RDJDIDQ
Read JEDEC ID
QPI mode
QPI
AFh
MF7-MF0
ID15-ID8
ID7-ID0
RDUID
Read
Unique ID
SPI
QPI
4Bh
A
(4)
<23:16>
A
(4)
<15:8>
A
(4)
<7:0>
Dummy
Byte
Data out
RDSFDP
SFDP Read
SPI
QPI
5Ah
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
Byte
Data out
NOP
No Operation
SPI
QPI
00h
RSTEN
Software
Reset
Enable
SPI
QPI
66h
RST
Software Reset
SPI
QPI
99h
IRER
Erase
Information
Row
SPI
QPI
64h
A
<23:16>
A
<15:8>
A
<7:0>
IRP
Program
Information
Row
SPI
QPI
62h
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
IRRD
Read
Information
Row
SPI
QPI
68h
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
Byte
Data out
SECUN-
LOCK
Sector Unlock
SPI
QPI
26h
A
<23:16>
A
<15:8>
A
<7:0>
SECLOCK
Sector Lock
SPI
QPI
24h
Notes:
1. The number of dummy cycles depends on the value setting in the Table 6.10 Read Dummy Cycles.
2.
AXh has to be counted as a part of dummy cycles. X means “don’t care”.
3.
XX means “don’t care”.
4. A<23:9> are
“don’t care” and A<8:4> are always “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com