전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 18 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 18 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 22Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
18
Rev. A
11/06/2015
6.2 FUNCTION REGISTER
Function Register Format and Bit definition are described in Table 6.5 and Table 6.6.
Table 6.5 Function Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IRL3
IRL2
IRL1
IRL0
ESUS
PSUS
TBS
Reserved
Default
0
0
0
0
0
0
0
0
Table 6.6 Function Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
Bit 0
Reserved
Reserved
R
Reserved
Bit 1
Top/Bottom
Selection
Top/Bottom Selection. (See Table 6.4 for details)
“0” indicates Top area.
“1” indicates Bottom area.
R/W
OTP
Bit 2
PSUS
Program suspend bit:
“0” indicates program is not suspend
“1” indicates program is suspend
R
Volatile
Bit 3
ESUS
Erase suspend bit:
"0" indicates Erase is not suspend
"1" indicates Erase is suspend
R
Volatile
Bit 4
IR Lock 0
Lock the Information Row 0:
“0” indicates the Information Row can be programmed
“1” indicates the Information Row cannot be programmed
R/W
OTP
Bit 5
IR Lock 1
Lock the Information Row 1:
“0” indicates the Information Row can be programmed
“1” indicates the Information Row cannot be programmed
R/W
OTP
Bit 6
IR Lock 2
Lock the Information Row 2:
“0” indicates the Information Row can be programmed
“1” indicates the Information Row cannot be programmed
R/W
OTP
Bit 7
IR Lock 3
Lock the Information Row 3:
“0” indicates the Information Row can be programmed
“1” indicates the Information Row cannot be programmed
R/W
OTP
Note:
Once OTP bits of Function Register are written to “1”, it cannot be modified to “0” any more.
Top/Bottom Selection: BP0~3 area assignment can be changed from Top (default) to Bottom by setting TBS
bit to “1”. However, once Bottom is selected, it cannot be changed back to Top since TBS bit is OTP. See Table
6.4 for details
The Program Suspend Status bit indicates when a Program operation has been suspended. The
PSUS changes to
“1” after a suspend command is issued during the program operation. Once the suspended
Program resumes, the PSUS bit is reset to
“0”.
ESUS bit: The Erase Suspend Status indicates when an Erase operation has been suspended. The ESUS bit is
“1” after a suspend command is issued during an Erase operation. Once the suspended Erase resumes, the
ESUS bit is reset to
“0”.
IR Lock bit 0 ~ 3:
The default is “0” so that the Information Row can be programmed. If the bit set to “1”, the
Information Row can
’t be programmed. Once it set to “1”, it cannot be changed back to “0” since IR Lock bits are
OTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com