전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 31 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 31 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 35Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
31
Rev. A
11/06/2015
8.5 FAST READ DUAL OUTPUT OPERATION (FRDO, 3Bh)
The FRDO instruction is used to read memory data on two output pins each at up to a 133MHz clock.
The FRDO instruction code is followed by three address bytes (A23
– A0) and a dummy byte (8 clocks),
transmitted via the IO0 line, with each bit latched-in during the rising edge of SCK. Then the first data byte
addressed is shifted out on the IO1 and IO0 lines, with each pair of bits shifted out at a maximum frequency fCT,
during the falling edge of SCK. The first bit (MSB) is output on IO1. Simultaneously the second bit is output on
IO0.
The first byte addressed can be at any memory location. The address is automatically incremented by one after
each byte of data is shifted out. W hen the highest address is reached, the address counter will roll over to the
000000h address, allowing the entire memory to be read with a single FRDO instruction. The FRDO instruction
is terminated by driving CE# high (VIH).
If the FRDO instruction is issued while an Erase, Program or Write cycle is in process (BUSY=1) the instruction
is ignored and will not have any effects on the current cycle.
Figure 8.6 Fast Read Dual Output Sequence
CE #
SCK
7
5
Data Out 1
Instruction = 3Bh
23
CE #
SCK
3
2
1
0
3-byte Address
High Impedance
22
21
...
0
1
2
3
4
5
6
7
8
9
10
...
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
Mode 3
Mode 0
...
tV
IO0
IO1
6
4
3
1
7
5
2
0
6
4
3
1
...
2
0
...
Data Out 2
IO0
IO1
8 Dummy Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com