전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 2 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25LP032A-SWLE1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
2
Rev. A
11/06/2015
FEATURES
 Industry Standard Serial Interface
- IS25LP064A: 64Mbit/8Mbyte
- IS25LP032A: 32Mbit/4Mbyte
- 256 bytes per Programmable Page
- Supports standard SPI, Fast, Dual, Dual
I/O, Quad, Quad I/O, SPI DTR, Dual I/O
DTR, Quad I/O DTR, and QPI
- Double Transfer Rate (DTR) option
- Supports Serial Flash Discoverable
Parameters (SFDP)
 High Performance Serial Flash (SPI)
- 133Mhz Fast Read at Vcc=2.7V to 3.6V
- 104Mhz Fast Read at Vcc=2.3V to 3.6V
- 532MHz equivalent at QPI operation
- 50MHz Normal Read
- DTR (Dual Transfer Rate) up to 66MHz
- Selectable dummy cycles
- Configurable drive strength
- Supports SPI Modes 0 and 3
- More than 100,000 erase/program cycles
- More than 20-year data retention
 Flexible & Efficient Memory Architecture
- Chip Erase with Uniform Sector/Block
Erase (4/32/64 Kbyte)
- Program 1 to 256 bytes per page
- Program/Erase Suspend & Resume
 Efficient Read and Program modes
- Low Instruction Overhead Operations
- Continuous Read 8/16/32/64-Byte burst
Wrap
- Selectable burst length
- QPI for reduced instruction overhead
 Low Power with Wide Temp. Ranges
- Single 2.3V to 3.6V Voltage Supply
- 5 mA Active Read Current (typ.)
- 10 µA Standby Current (typ.)
- 5 µA Deep Power Down (typ.)
- Temp Grades:
Extended: -40°C to +105°C
Extended+: -40°C to +125°C
(1)
Auto Grade: up to +125°C
Note:
1.
Extended+ should not be used for Automotive.
 Advanced Security Protection
- Software and Hardware Write Protection
- Power Supply lock protect
- 4x256-Byte dedicated security area
with OTP user-lockable bits
- 128 bit Unique ID for each device (Call
Factory)
 Industry Standard Pin-out & Packages(1),(2)
- B = 8-pin SOIC 208mil
- F = 8-pin VSOP 208mil
- K = 8-contact WSON 6x5mm
- L = 8-contact WSON 8x6mm
- M = 16-pin SOIC 300mil
(3)
- G= 24-ball TFBGA 6x8mm 4x6
(3)
- H = 24-ball TFBGA 6x8mm 5x5 (Call
Factory)
(3)
- KGD (Call Factory)
Notes:
1. Call Factory for other package options available.
2. For the RESET# pin option instead of HOLD# pin, call
Factory.
3. For the dedicated RESET# option, see the Ordering
Information
64/32Mb
3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI &
QUAD I/O QPI DTR INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com