전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032A-SWLE1 데이터시트(PDF) 64 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032A-SWLE1
상세설명  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-SWLE1 데이터시트(HTML) 64 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-SWLE1 Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25LP032A-SWLE1 Datasheet HTML 68Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
64
Rev. A
11/06/2015
8.29 READ SFDP OPERATION (RDSFDP, 5Ah)
The Serial Flash Discoverable Parameters (SFDP) standard provides a consistent method of describing the
functions and features of serial Flash devices in a standard set of internal parameter tables. These parameters
can be interrogated by host system software to enable adjustments needed to accommodate divergent features
from multiple vendors. For more details please refer to the JEDEC Standard JESD216A (Serial Flash
Discoverable Parameters).
The sequence of issuing RDSFDP instruction is same as FAST_READ: CE# goes low  Send RDSFDP
instruction (5Ah)  Send 3 address bytes on SI pin  Send 1 dummy byte on SI pin  Read SFDP code on
SO 
End RDSFDP operation by driving CE# high at any time during data out. Refer to ISSI’s Application note
for SFDP table. The data at the addresses that are not specified in SFDP table are undefined.
The sequence of RDSFDP instruction is same as FAST READ except for the instruction code. RDSFDP QPI
sequence is also same as FAST READ QPI except for the instruction code. Refer to the FAST READ QPI
operation.
Figure 8.49 RDSFDP (Read SFDP) Sequence
Instruction = 5Ah
Dummy Byte
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3 Byte Address
Data Out
tV
...
8.30 NO OPERATION (NOP, 00h)
The No Operation command solely cancels a Reset Enable command and has no impact on any other
commands. It is available in both SPI and QPI modes. To execute a NOP, the host drives CE# low, sends the
NOP command cycle (00h), then drives CE# high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com