전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56362AD 데이터시트(PDF) 47 Page - Motorola, Inc

부품명 DSP56362AD
상세설명  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD 데이터시트(HTML) 47 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 43Page - Motorola, Inc DSP56362AD Datasheet HTML 44Page - Motorola, Inc DSP56362AD Datasheet HTML 45Page - Motorola, Inc DSP56362AD Datasheet HTML 46Page - Motorola, Inc DSP56362AD Datasheet HTML 47Page - Motorola, Inc DSP56362AD Datasheet HTML 48Page - Motorola, Inc DSP56362AD Datasheet HTML 49Page - Motorola, Inc DSP56362AD Datasheet HTML 50Page - Motorola, Inc DSP56362AD Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 168 page
background image
Specifications
Reset, Stop, Mode Select, and Interrupt Timing
MOTOROLA
DSP56362 Advance Information
2-9
10
Delay from asynchronous
RESET deassertion to first
external address output
(internal reset deassertion)5
• Minimum
3.25
× TC + 2.0
34.5
29.1
ns
• Maximum
20.25 TC + 7.50
211.5
176.2
ns
11
Synchronous reset setup time
from RESET deassertion to
CLKOUT Transition 1
•Minimum
TC
5.9
ns
• Maximum
10.0
ns
12
Synchronous reset deasserted,
delay time from the CLKOUT
Transition 1 to the first external
address output
• Minimum
3.25
× TC + 2.0
33.5
ns
• Maximum
20.25 TC + 7.5
207.5
ns
13 Mode select setup time
30.0
30.0
ns
14 Mode select hold time
0.0
0.0
ns
15
Minimum edge-triggered
interrupt request assertion
width
6.6
5.5
ns
16
Minimum edge-triggered
interrupt request deassertion
width
6.6
5.5
ns
17
Delay from IRQA, IRQB, IRQC,
IRQD, NMI assertion to
external memory access
address out valid
• Caused by first interrupt
instruction fetch
4.25
× TC + 2.0
44.5
37.4
ns
• Caused by first interrupt
instruction execution
7.25
× TC + 2.0
74.5
62.4
ns
18
Delay from IRQA, IRQB, IRQC,
IRQD, NMI assertion to
general-purpose transfer output
valid caused by first interrupt
instruction execution
10
× TC + 5.0
105.0
88.3
ns
Table 2-7 Reset, Stop, Mode Select, and Interrupt Timing 100 and 120 MHz Values6
No.
Characteristics
Expression
100 MHz
120 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com