전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56362AD 데이터시트(PDF) 65 Page - Motorola, Inc

부품명 DSP56362AD
상세설명  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD 데이터시트(HTML) 65 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 61Page - Motorola, Inc DSP56362AD Datasheet HTML 62Page - Motorola, Inc DSP56362AD Datasheet HTML 63Page - Motorola, Inc DSP56362AD Datasheet HTML 64Page - Motorola, Inc DSP56362AD Datasheet HTML 65Page - Motorola, Inc DSP56362AD Datasheet HTML 66Page - Motorola, Inc DSP56362AD Datasheet HTML 67Page - Motorola, Inc DSP56362AD Datasheet HTML 68Page - Motorola, Inc DSP56362AD Datasheet HTML 69Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
Specifications
External Memory Expansion Port (Port A)
MOTOROLA
DSP56362 Advance Information
2-27
139 CAS deassertion pulse width
tCP
1.5
× TC − 4.0
11.0
ns
140 Column address valid to CAS assertion
tASC
TC − 4.0
6.0
ns
141 CAS assertion to column address not
valid
tCAH
2.5
× TC − 4.0
21.0
ns
142 Last column address valid to RAS
deassertion
tRAL
4
× TC − 4.0
36.0
ns
143 WR deassertion to CAS assertion
tRCS
100 MHz:
1.25
× TC − 4.0
8.5
ns
144 CAS deassertion to WR assertion
tRCH
100 MHz:
0.75
× TC − 4.0
3.5
ns
145 CAS assertion to WR deassertion
tWCH
2.25
× TC − 4.2 18.3
ns
146 WR assertion pulse width
tWP
3.5
× TC − 4.5
30.5
ns
147 Last WR assertion to RAS deassertion
tRWL
3.75
× TC − 4.3 33.2
ns
148 WR assertion to CAS deassertion
tCWL
3.25
× TC − 4.3 28.2
ns
149 Data valid to CAS assertion (write)
tDS
0.5
× TC − 4.0
1.0
ns
150 CAS assertion to data not valid (write)
tDH
2.5
× TC − 4.0
21.0
ns
151 WR assertion to CAS assertion
tWCS
1.25
× TC − 4.3
8.2
ns
152 Last RD assertion to RAS deassertion
tROH
3.5
× TC − 4.0
31.0
ns
153 RD assertion to data valid
tGA
100 MHz:
2.5
× TC − 7.0
18.0
ns
154 RD deassertion to data not valid6
tGZ
0.0
ns
155 WR assertion to data active
0.75
× TC − 0.3
7.2
ns
156 WR deassertion to data high
impedance
0.25
× TC
—2.5
ns
Notes:
1.
The number of wait states for Page mode access is specified in the DCR.
2.
The refresh period is specified in the DCR.
3.
The asynchronous delays specified in the expressions are valid for DSP56362
.
4.
All the timings are calculated for the worst case. Some of the timings are better for specific
cases (e.g., tPC equals 4 × TC for read-after-read or write-after-write sequences).
5.
BRW[1:0] (DRAM control register bits) defines the number of wait states that should be
inserted in each DRAM out-of page-access.
6.
RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is
tOFF and not tGZ.
Table 2-11 DRAM Page Mode Timings, Three Wait States1, 2, 3 (Continued)
No.
Characteristics
Symbol
Expression
100 MHz
Unit
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com