전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56362AD 데이터시트(PDF) 64 Page - Motorola, Inc

부품명 DSP56362AD
상세설명  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD 데이터시트(HTML) 64 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 60Page - Motorola, Inc DSP56362AD Datasheet HTML 61Page - Motorola, Inc DSP56362AD Datasheet HTML 62Page - Motorola, Inc DSP56362AD Datasheet HTML 63Page - Motorola, Inc DSP56362AD Datasheet HTML 64Page - Motorola, Inc DSP56362AD Datasheet HTML 65Page - Motorola, Inc DSP56362AD Datasheet HTML 66Page - Motorola, Inc DSP56362AD Datasheet HTML 67Page - Motorola, Inc DSP56362AD Datasheet HTML 68Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 168 page
background image
2-26
DSP56362 Advance Information
MOTOROLA
Specifications
External Memory Expansion Port (Port A)
156 WR deassertion to data high
impedance
0.25
× TC
—3.1
ns
Notes: 1.
The number of wait states for Page mode access is specified in the DCR.
2.
The refresh period is specified in the DCR.
3.
The asynchronous delays specified in the expressions are valid for
DSP56362.
4.
All the timings are calculated for the worst case. Some of the timings are better for specific cases
(e.g., tPC equals 3 × TC for read-after-read or write-after-write sequences).
5.
BRW[1:0] (DRAM Control Register bits) defines the number of wait states that should be inserted
in each DRAM out-of-page access.
6.
RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is tOFF
and not tGZ.
7.
There are not any fast enough DRAMs to fit to two wait states Page mode @ 100MHz. See
Figure 2-13.
Table 2-11 DRAM Page Mode Timings, Three Wait States1, 2, 3
No.
Characteristics
Symbol
Expression
100 MHz
Unit
Min
Max
131
Page mode cycle time for two
consecutive accesses of the same
direction
tPC
4
× TC
40.0
ns
Page mode cycle time for mixed (read
and write) accesses.
3.5 x Tc
35.0
132 CAS assertion to data valid (read)
tCAC
100 MHz:
2
× TC − 7.0
13.0
ns
133 Column address valid to data valid
(read)
tAA
100 MHz:
3
× TC − 7.0
23.0
ns
134 CAS deassertion to data not valid (read
hold time)
tOFF
0.0
ns
135 Last CAS assertion to RAS deassertion
tRSH
2.5
× TC − 4.0
21.0
ns
136 Previous CAS deassertion to RAS
deassertion
tRHCP
4.5
× TC − 4.0
41.0
ns
137 CAS assertion pulse width
tCAS
2
× TC − 4.0
16.0
ns
138
Last CAS deassertion to RAS
assertion5
tCRP
ns
• BRW[1:0] = 00
2.25
× TC − 6.0
• BRW[1:0] = 01
3.75
× TC − 6.0
• BRW[1:0] = 10
4.75
× TC − 6.0 41.5
• BRW[1:0] = 11
6.75
× TC − 6.0 61.5
Table 2-10 DRAM Page Mode Timings, Two Wait States1, 2, 3, 7 (Continued)
No.
Characteristics
Symbol
Expression
80 MHz
Unit
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com