전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56362AD 데이터시트(PDF) 50 Page - Motorola, Inc

부품명 DSP56362AD
상세설명  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD 데이터시트(HTML) 50 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 46Page - Motorola, Inc DSP56362AD Datasheet HTML 47Page - Motorola, Inc DSP56362AD Datasheet HTML 48Page - Motorola, Inc DSP56362AD Datasheet HTML 49Page - Motorola, Inc DSP56362AD Datasheet HTML 50Page - Motorola, Inc DSP56362AD Datasheet HTML 51Page - Motorola, Inc DSP56362AD Datasheet HTML 52Page - Motorola, Inc DSP56362AD Datasheet HTML 53Page - Motorola, Inc DSP56362AD Datasheet HTML 54Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 168 page
background image
2-12
DSP56362 Advance Information
MOTOROLA
Specifications
Reset, Stop, Mode Select, and Interrupt Timing
28
DMA Requests Rate
• Data read from HI08, ESAI,
SHI
6TC
60.0
50.0
ns
• Data write to HI08, ESAI,
SHI
7TC
70.0
58.0
ns
• Timer
2TC
20.0
16.7
ns
•IRQ, NMI (edge trigger)
3TC
30.0
25.0
ns
Table 2-7 Reset, Stop, Mode Select, and Interrupt Timing 100 and 120 MHz Values6
No.
Characteristics
Expression
100 MHz
120 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com