전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA1295 데이터시트(PDF) 62 Page - STMicroelectronics

부품명 STA1295
상세설명  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 데이터시트(HTML) 62 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 58Page - STMicroelectronics STA1295 Datasheet HTML 59Page - STMicroelectronics STA1295 Datasheet HTML 60Page - STMicroelectronics STA1295 Datasheet HTML 61Page - STMicroelectronics STA1295 Datasheet HTML 62Page - STMicroelectronics STA1295 Datasheet HTML 63Page - STMicroelectronics STA1295 Datasheet HTML 64Page - STMicroelectronics STA1295 Datasheet HTML 65Page - STMicroelectronics STA1295 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
Package pinouts and signal description
STA1295, STA1275
62/109
DS12586 Rev 5
L14
GND
—
—
L15
GND
—
—
L16
ADC0_1_VRFN
—
—
L17
USB_VREG3V3_1V1
—
—
L18
ADC2_AIN4
—
—
L19
USB_REXT
—
—
L20
ADC0_AIN2_R
—
—
L21
USB_VREG_1V1
—
—
L22
USB1_DP
—
—
L23
USB1_DN
—
—
M1
GND
—
—
M2
DDR_DQ0
—
—
M3
DDR_DQ1
—
—
M4
DDR_DQ2
—
—
M5
DDR_DQ3
—
—
M6
VREF
—
—
M7
VDDQ
—
—
M8
GND
—
—
M9
VDD
—
—
M10
GND
—
—
M11
GND
—
—
M12
GND
—
—
M13
GND
—
—
M14
GND
—
—
M15
VDD
—
—
M16
ADC0_1_AVDD
—
—
M17
USB1_AGND
—
—
M18
USB0_AGND
—
—
M19
ADC2_AIN9
—
—
M20
M3_IGNKEY
—
—
M21
USB_VREG_1V8
—
—
M22
USB0_DP
—
—
M23
USB0_DN
—
—
N1
DDR_DQS0
—
—
N2
DDR_DQS0n
—
—
Table 27. STA1275 and STA1295 ball list (continued)
Ball
Signal
Pull up/down
Driving strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More