| 전자부품 데이터시트 검색엔진 |
|
STA1295 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA1295 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 109 page ![]() Package pinouts and signal description STA1295, STA1275 34/109 DS12586 Rev 5 SAI3_BCLK GPIO8 B23 I/O VIO Serial Audio Interface 3. Bit clock. SAI3_FS GPIO9 A18 I/O VIO Serial Audio Interface 3. Frame synchronization line. SAI3_TX0 GPIO14 AA23 O VIO Serial Audio Interface 3. Transmit data line 0. SAI3_TX1 GPIO11 A19 O VIO Serial Audio Interface 3. Transmit data line 1. SAI3_TX2 GPIO12 A21 O VIO Serial Audio Interface 3. Transmit data line 2. SAI3_RX0 GPIO15 T22 I VIO Serial Audio Interface 3. Receive data line 0. SAI3_RX1 GPIO13 C18 I VIO Serial Audio Interface 3. Receive data line 1. SAI3_RX2 GPIO10 A20 I VIO Serial Audio Interface 3. Receive data line 2. SAI4_BCLK GPIO3 A22 I/O VIO Serial Audio Interface 4. Bit clock. GPIO22 AB20 GPIO108 E13 SAI4_FS GPIO4 B19 I/O VIO Serial Audio Interface 4. Frame synchronization line. GPIO23 Y20 GPIO109 C12 SAI4_TX0 GPIO2 D19 O VIO Serial Audio Interface 4. Transmit data line 0. GPIO24 Y21 GPIO110 B15 SAI4_TX1 GPIO0 B21 O VIO Serial Audio Interface 4. Transmit data line 1. GPIO111 B14 SAI4_TX2 GPIO1 B22 O VIO Serial Audio Interface 4. Transmit data line 2. SAI4_RX0 GPIO5 B20 I VIO Serial Audio Interface 4. Receive data line 0. GPIO25 W21 GPIO112 C14 SAI4_RX1 GPIO9 A18 I VIO Serial Audio Interface 4. Receive data line 1. GPIO113 C13 SAI4_RX2 GPIO8 B23 I VIO Serial Audio Interface 4. Receive data line 2. Table 19. Peripherals signals Name GPIOs BALLs DIR Power domain Description CAN0_RX M3_GPIO9 C8 I VIO CAN0. Receive signal line. CAN0_TX M3_GPIO8 B10 O VIO CAN0. Transmit signal line. CAN1_RX S_GPIO0 D6 I VIO CAN1. Receive signal line. CAN1_TX S_GPIO1 D5 O VIO CAN1. Transmit signal line. Table 18. Digital audio signals (continued) Name GPIOs BALLs DIR Power domain Description |